Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1940800000 Datasheet(PDF) 6 Page - Weidmuller

Part # 1940800000
Description  OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1940800000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 1940800000 Datasheet HTML 2Page - Weidmuller 1940800000 Datasheet HTML 3Page - Weidmuller 1940800000 Datasheet HTML 4Page - Weidmuller 1940800000 Datasheet HTML 5Page - Weidmuller 1940800000 Datasheet HTML 6Page - Weidmuller 1940800000 Datasheet HTML 7Page - Weidmuller 1940800000 Datasheet HTML 8Page - Weidmuller 1940800000 Datasheet HTML 9Page - Weidmuller 1940800000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Data sheet...
 
OMNIMATE Signal - series BC/SC 3.81
SC-SMT 3.81/02/180G 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Mating connector (conditionally pluggable)
 
 
Creation date April 9, 2013 10:37:42 PM CEST
 
Catalogue status 12.03.2013 / We reserve the right to make technical changes.
6
BCZ 3.81/180LR
  Femalesocketconnectorswithclamping-yokescrew
system for connecting wires.
Three wire-outlet directions are available and provide
flexible connection-level design options:
• 180°   wire parallel to plugging direction
• 90°     wire perpendicular and above plugging direction
• 270°   wire perpendicular and below plugging direction
There are three housing shapes, covering many different
requirements, to choose from:
• Standard housing without flange
• Flange with screw (F)
• Flange featuring Weidmüller's patented release latch
(LR) for lock-and-release latching with no strain and no
tools needed.
Weidmüller's 3.81-mm-pitch (0.15 inch) plug-in
connectors are compatible with the layouts of customary
connectors and offer space for labelling and coding.
• 0.20 - 1.5 mm² (IEC) / 28 - 16 AWG (UL)
• 250 V (IEC) / 300 V (UL)
• 17.5 A (IEC) / 10 A (UL)
General ordering data
Order No.
Type
Version
GTIN (EAN)
Qty.
Product data
Packaging
1941590000 BCZ 3.81/02/180LR SN GN BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 2, 180°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224869851650 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1941780000 BCZ 3.81/02/180LR SN BK BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 2, 180°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224869870750 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1941400000 BCZ 3.81/02/180LR SN OR BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 2, 180°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224869832550 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
 


Similar Part No. - 1940800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1940800000 WEIDMULLER-1940800000 Datasheet
88Kb / 6P
   PCB connection systems
1940800000 WEIDMULLER-1940800000 Datasheet
88Kb / 6P
   PCB connection systems
More results

Similar Description - 1940800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1862460000 WEIDMULLER-1862460000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
   OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1793630000 WEIDMULLER-1793630000 Datasheet
81Kb / 5P
   SC 3.81/4/180G3.2SN GN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com