Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONGA-QMX6iDCL-1GEMMC4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CONGA-QMX6iDCL-1GEMMC4
Description  Qseven짰 Module based on Freescale짰 i.MX6 ARM Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONGA-QMX6iDCL-1GEMMC4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CONGA-QMX6iDCL-1GEMMC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers CONGA-QMX6iDCL-1GEMMC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers CONGA-QMX6iDCL-1GEMMC4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
congatec AG, Auwiesenstraße 5, 94469 Deggendorf, Germany
Phone +49 (991) 2700-0, Fax +49 (991) 2700-111, info@congatec.com
w w w.congatec.com
conga-QMX6 - Order information
© 2013 congatec AG. All rights reserved. All data is for information purposes only. Although all the information contained within this document is carefully checked, no guarantee of correctness is implied or expressed. The products may include
software. Use of the software is subject to the terms and conditions set out in the respective owner‘s license agreements, which are avaialable at www.congatec.com and/or upon request. Product names, logos, brands, and other trademarks featured or
referred to within this datasheet, or the congatec website, are the property of their respective trademark holders. These trademark holders are not affiliated with congatec AG, our products, or our website.
Rev. September 25, 2013 MD
Article
PN
Cores
Clock speed
L2 Cache
3D Graphics
2D Graphics
RAM
SATA
conga-QMX6/SC-1G eMMC4
016100
1
1 GHz
(commercial tempe-
rature)
512 KB
1 shader
1 engine
1 GByte DDR3 400 Mhz
-
conga-QMX6/DCL-1G eMMC4
016101
2
512 KB
1 shader
1 engine
1 GByte DDR3 400 Mhz
-
conga-QMX6/DC-1G eMMC4
016102
2
1 MB
4 shader
2 engines
1 GByte DDR3 533 Mhz
SATA II
conga-QMX6/QC-1G eMMC4
016103
4
1 MB
4 shader
2 engines
1 GByte DDR3 533MHz
SATA II
conga-QMX6/QC-2G eMMC4
016104
4
1 MB
4 shader
2 engines
2 GByte DDR3 533MHz
SATA II
conga-QMX6/iSC-1G eMMC4
016110
1
800 MHz (industrial
temperature)
512 KB
1 shader
1 engine
1 GByte DDR3 400MHz
conga-QMX6/iDCL-1G eMMC4
016111
2
512 KB
1 shader
1 engine
1 GByte DDR3 400MHz
-
conga-QMX6/iDC-1G eMMC4
016112
2
1 MB
4 shader
2 engines
1 GByte DDR3 533MHz
SATA II
conga-QMX6/iQC-1G eMMC4
016113
4
1 MB
4 shader
2 engines
1 GByte DDR3 533MHz
SATA II
conga-QMX6/HSP1
016160
Standard heatspreader with 1mm gap pad for Qseven module conga-QMX6 for processors with LIDDED FCBGA package.
conga-QMX6/HSP2
016161
Standard heatspreader with 2mm gap pad for Qseven module conga-QMX6 for processors with plastic MAP BGA package.
conga-QMX6/HSP3
016162
Standard heatspreader with heat stack solution for Qseven module conga-QMX6 for processors with open silicon FCBGA package.
Engineering Tools / Accessories for Qseven
conga-HDMI/ADD2 Card
500025
The conga-HDMI ADD2 Card is used to connect a HDMI Display directly to the SDVO ADD2-N Slot of the QEVAL
conga-LDVI/EPI
011115
LVDS to DVI converter board for digital flat panels with onboard EEPROM
conga-QKIT/ARM
077500
Starterkit for Qseven evaluation arrier boards, including conga-QEVAL/ARM


Similar Part No. - CONGA-QMX6iDCL-1GEMMC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONG1A-A2 ETC2-CONG1A-A2 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
CONG1A-A5 ETC2-CONG1A-A5 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
CONG1A-S2 ETC2-CONG1A-S2 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
CONG1A-S5 ETC2-CONG1A-S5 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
CONG1O-A2 ETC2-CONG1O-A2 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
More results

Similar Description - CONGA-QMX6iDCL-1GEMMC4

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AQ7-IMX6 AAEON-AQ7-IMX6 Datasheet
205Kb / 2P
   Qseven CPU Module with Onboard Freescale짰 i.MX6 Solo/Dual/Quad ARM Cortex A9 Processor
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-3420 ADVANTECH-ROM-3420_15 Datasheet
901Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 RTX2.0 Module
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
   NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
Advantech Co., Ltd.
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-5420 ADVANTECH-ROM-5420_15 Datasheet
564Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SMARC v1.0 Module
logo
ATMEL Corporation
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
   AT91 ARM Cortex M3-based Processor
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
   NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com