Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93CS46LZEMT8 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NM93CS46LZEMT8
Description  1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM93CS46LZEMT8 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM93CS46LZEMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 9Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 10Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 11Page - Fairchild Semiconductor NM93CS46LZEMT8 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
NM93C46 Rev. E
;
;
;
;
;
tCSS
SYNCHRONOUS DATA TIMING
CS
SK
DI
DO (Data Read)
DO (Status Read)
Valid Status
tDIS
tDIH
tPD
tDH
tSV
tSKH
tSKL
;;;;;;
;;;;;;
;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;
;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;;
;;;;;;;;;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
tCSH
tDF
tDF
;
;
;
;
;
;
;
;
;
;
;
;
;
;
;
tPD
;
;
;
;
;
;
;
;
;
Valid
Input
Valid
Input
Valid
Output
Valid
Output
tSKS
;
;
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A5
A4
A1
A0
0
D15
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
tCS
;;;
;;;
NORMAL READ CYCLE (READ)
Address
Bits(6)
Star t
Bit
Opcode
Bits(2)
93C46:
Address bits patter n -> User defined
Timing Diagrams
Address
Bits(6)
CS
SK
DI
DO
High - Z
WRITE ENABLE CYCLE (WEN)
Star t
Bit
93C46:
Address bits patter n -> 1-1-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A5
A4
A1
A0
tCS


Similar Part No. - NM93CS46LZEMT8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93CS46L NSC-NM93CS46L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS46LEM8 NSC-NM93CS46LEM8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS46LEMT8 NSC-NM93CS46LEMT8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS46LEN NSC-NM93CS46LEN Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS46LM8 NSC-NM93CS46LM8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
More results

Similar Description - NM93CS46LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com