Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP610C-B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP610C-B
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP610C-B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP610C-B Datasheet HTML 1Page - Fairchild Semiconductor QTLP610C-B Datasheet HTML 2Page - Fairchild Semiconductor QTLP610C-B Datasheet HTML 3Page - Fairchild Semiconductor QTLP610C-B Datasheet HTML 4Page - Fairchild Semiconductor QTLP610C-B Datasheet HTML 5Page - Fairchild Semiconductor QTLP610C-B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2/13/03
PACKAGE DIMENSIONS
Page 1 of 6
© 2003 Fairchild Semiconductor Corporation
QTLP610C-2 HER
QTLP610C-3 Yellow
QTLP610C-4 Green
QTLP610C-7 AlGaAs Red
QTLP610C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT RIGHT ANGLE
APPLICATIONS
LCD edge-lighting
Edge card edge-lighting
DESCRIPTION
These right angle surface mount chip LEDs emit light in the lateral direction. Small size and wide viewing angle make these LEDs
ideal choices for status indication in consumer electronics, industrial control and other applications.
FEATURES
Small footprint - 3.0(L) X 2.0(W) X 1.0(H) mm
Wide viewing angle of 120°
Water clear optics
Moisture-proof packaging
Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
0.126 (3.2)
0.110 (2.8)
0.043 (1.1)
0.035 (0.9)
0.039 (1.0)
0.087 (2.2)
0.071 (1.8)
0.087 (2.2)
0.071 (1.8)
POLARITY MARK
(See Note 2)
FRONT
TOP
BACK
0.020 (0.50)
0.035 (0.9)
R0.017 (0.4)
0.016 (0.4)
+-
for -2, -3, -4 and -B
for -7
POLARITY
NOTE:
1. Dimensions for all drawings are in inches (mm).
2. Cathode for -2, -3, -4 and B. Anode for -7.


Similar Part No. - QTLP610C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP610C-5 FAIRCHILD-QTLP610C-5 Datasheet
175Kb / 5P
   SURFACE MOUNT LED LAMP Right Angle - (Side Looker)
QTLP610C-8 FAIRCHILD-QTLP610C-8 Datasheet
175Kb / 5P
   SURFACE MOUNT LED LAMP Right Angle - (Side Looker)
QTLP610C-AG FAIRCHILD-QTLP610C-AG Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP610C-E FAIRCHILD-QTLP610C-E Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP610C-EB FAIRCHILD-QTLP610C-EB Datasheet
374Kb / 6P
   SURFACE MOUNT LED LAMP RIGHT ANGLE
More results

Similar Description - QTLP610C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com