Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP652C-7 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # QTLP652C-7
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP652C-7 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QTLP652C-7 Datasheet HTML 1Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 2Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 3Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 4Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 5Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 6Page - Fairchild Semiconductor QTLP652C-7 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2/12/03
QTLP652C-2 HER
QTLP652C-3 Yellow
QTLP652C-4 Green
QTLP652C-7 AlGaAs Red
QTLP652C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1206 (Reverse Mount)
Page 6 of 7
© 2003 Fairchild Semiconductor Corporation
TAPE AND REEL DIMENSIONS
2.5
±0.5
Ø178.0
±1.0
Ø13.0
±0.5
2.5
±0.5
13.2
±1.5
16.0
±0.2
Ø60.2
±0.5
Progressive direction
Polarity
2.0
±0.05
1.50
+0.10
-0.0
1.37
4.0
1.73
0.23
±0.1
4.0
for -2, -3, -4 and -B
(sprocket)
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
Polarity marks on the sprocket side.


Similar Part No. - QTLP652C-7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP652C-AG FAIRCHILD-QTLP652C-AG Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP652C-E FAIRCHILD-QTLP652C-E Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP652C-IB FAIRCHILD-QTLP652C-IB Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP652C-IG FAIRCHILD-QTLP652C-IG Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP652C-O FAIRCHILD-QTLP652C-O Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
More results

Similar Description - QTLP652C-7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650CBTR FAIRCHILD-QTLP650CBTR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP653C7TR FAIRCHILD-QTLP653C7TR Datasheet
360Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP653C FAIRCHILD-QTLP653C Datasheet
354Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com