Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55100-3M-01-D Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 55100-3M-01-D
Description  55100 Miniature Flange Mount Hall Effect Proximity Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

55100-3M-01-D Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  55100-3M-01-D Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hamlin.com
Series55100
Hall Option
Cable Length
Termination
55100
XX
XX
X
N o t e s :
1 ) A d d c a p c i t o r C n a s
s h o w n , c l o s e t o t h e
s e n s o r , f o r t r a n s i e n t
s u p p r e s s i o n i f r e q u i r e d .
2 ) A d d r e s i s t o r R p u a s
s h o w n f o r s i n k i n g o u t p u t
55100 Miniature Flange Mount Hall Effect Proximity Sensor
Features
Magnetically operated position sensor
Digital, latching or programmable analogue
types available
Medium, high or programmable sensitivities
3 wire (voltage output) or 2 wire (current
output) versions
Reverse/Over voltage protection
Built in temperature compensation
Benefits
High switching speed up to 10kHz
Long life; up to 20 billion operations
Unaffected by harsh environments
Operates in static or dynamic magnetic
field
Customer selection of cable length and
connector type
Applications
Position and limit sensing
RPM measurement
Flow metering
Commutaion of brushless dc motors
Angle sensing
Magnetic encoders
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin Europe
Tel: +44 (0)1603 257700 Fax: +44 (0)1603 257702 Email: sales.uk@hamlin.com
Hamlin China
Tel: +86 (0) 512 69365 800 Fax: +86 (0) 512 69365 811 Email: sales.cn@hamlin.com
DRGNo: 55100XXXXX REV : AG Date:9/6/12 DCR: B9016
DIMENSIONS (in) mm
BLOCK DIAGRAM
SPECIFICATIONS
Digital Switch or Digital Latch
Digital Switch or Digital Latch
A - Analogue
Hall Type
3 Wire (Voltage Output)
2 Wire (Current Output)
(Programmable Only) (Note 2)
Supply Voltage (Note 1)
Absolute Ratings
Vdc
-15 to +28
-15 to +28
8.5
Operate
Vdc
+3.8 to +24
+3.75 to +24
4.5 - 5.5
Overvoltage Protection
Vdc - max.
32
32
19.5
Output High Voltage
Vdc
Sinking output
N/A
4.65
Output Low Voltage
Vdc - max.
0.4 @ 10mA
N/A
0.35
Output Current (continuously on)
mA - max.
10
N/A
-1.0 to +1.0
Current Consumption Over
Temperature Range
Low
High
mA
mA
1.6 - 5.2
1.6 - 5.2
5 - 6.9
12 - 17
2 - 10
2 - 10
Switching Speed
mA
10
10
2
Temperature
Operating
Storage
°C
°C
-40 to +100
-65 to +105
-40 to +100
-65 to +105
-40 to +100
-65 to +105
Note 1: As long as Tj (Junction Temperature max. Is not exceeded.
Note 2: Preprogrammed by Hamlin or Customer pending agreement.
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
HALL OPTIONS
ACTIVATE DISTANCES ARE APPROXIMATE
USING
NEFEB MAGNET
(.827l x .276W x .185H) 21 x 7 x 4.7
HAMLIN P/N 5812334000
Select Hall Option
Hall Type
Sensitivity Gauss
(typ.)
Activate - d (in)
mm
2M
2 Wire Switch
120
(.531) 13,5
2H
2 Wire Switch
57
(.728) 18,5
2L
2 Wire Latch
40
(.827) 21,0
3M
3 Wire Switch
130
(.492) 12,5
3H
3 Wire Switch
59
(709) 18,0
3L
3 Wire Latch
86
(.394) 10,0
AP
Analog
Programmable
Consult Hamlin
Cable Length:-
(Cable Type 24AWG 7/32 PVC 105° C
UL 1430/UL1569)
Standard Lengths
SELECT
OPTION
CABLE
LENGTH
(in) mm
01
(3.94) 100
02
(11.81) 300
03
(19.69) 500
04
(29.53) 750
05
(39.37)
1000
Termination Options:-
SELECT OPTION
DESCRIPTION (2 WIRE VERSION ILLUSTRATED
A
Tinned Leads
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
ORDERING INFORMATION
Table 2
TABLE 1
TABLE 2
TABLE 3
Table 1
Table 3


Similar Part No. - 55100-3M-01-D

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55100-3M-01-D HAMLIN-55100-3M-01-D Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
More results

Similar Description - 55100-3M-01-D

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55505-00-01-A HAMLIN-55505-00-01-A Datasheet
168Kb / 1P
   Flange Mount Hall Effect Geartooth Sensor
HAMLIN55505 HAMLIN-HAMLIN55505 Datasheet
194Kb / 1P
   55505 Hall Effect Flange Mount Geartooth Sensor
logo
Littelfuse
55100 LITTELFUSE-55100 Datasheet
545Kb / 3P
   Miniature Flange Mounting Proximity Sensor
logo
HAMLIN Position and Mov...
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
   Flange Mount Hall Effect Sensor Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
   L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
SS495A1-S HONEYWELL-SS495A1-S Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
ZF Friedrichshafen AG
MP1021 ZFSWITCHES-MP1021 Datasheet
212Kb / 2P
   Digital Hall-effect position sensor in low-profile flange-mount housing
MP1014 ZFSWITCHES-MP1014 Datasheet
272Kb / 2P
   Digital Hall-effect position sensor in low-profile flange-mount housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com