Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 16260
Description  STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  16260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16260 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item Number Reference For Statfree® Type B Vinyl, Dissipative, Homogeneous
KITS
ROLL STOCK
Hardware is not included with rolls.
Continuous runs of static dissipative materials
should be grounded at six-foot intervals to
ensure proper dissipation rates.
0.100" (2.54mm)
THICK ROLLS
SIZE
BEIGE
BLUE
BROWN
24" x 40'
16250
16260
16270
24" x 100'
16251
16261
16271
30" x 40'
16255
16265
16275
30" x 100'
16256
16266
16276
36" x 100'
16257
16267
16277
48" x 100'
16258
16268
16278
Roll Stock Item Numbers
Type B
Is Also
Available
In Full
Rolls
SIZE
BEIGE
BLUE
BROWN
24" x 36"
16201
16213
16225
24" x 48"
16202
16214
16226
Mat Top Kit Item Numbers
MAT TOP KIT INCLUDES
1 Benchmat, Type B, size as specified
1 09826, common point ground cord
1 09864, universal snap kit
Look for the Statfree® brand on Desco
ESD matting. All Desco mat top kits
are permanently marked for your
protection and auditing purposes.


Similar Part No. - 16260

ManufacturerPart #DatasheetDescription
logo
Heyco.
16260 HEYCO-16260 Datasheet
150Kb / 2P
   Hook and Loop – Ties
logo
Festo Corporation.
162600 FESTO-162600 Datasheet
92Kb / 1P
   Pressure regulator
logo
Weidmuller
1626000000 WEIDMULLER-1626000000 Datasheet
91Kb / 4P
   SL 5.00/3/90 4.5SN SW
logo
Festo Corporation.
162601 FESTO-162601 Datasheet
92Kb / 1P
   Pressure regulator
162602 FESTO-162602 Datasheet
91Kb / 1P
   Pressure regulator
More results

Similar Description - 16260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16270 ETC2-16270 Datasheet
51Kb / 2P
   STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
16251 ETC2-16251 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16214 ETC2-16214 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
66030 ETC2-66030 Datasheet
40Kb / 2P
   STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66121 ETC2-66121 Datasheet
38Kb / 2P
   STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
   Homogeneous Material Composition Declaration for Electronic Products
logo
Semikron International
SEMIX151GAL12VS SEMIKRON-SEMIX151GAL12VS Datasheet
253Kb / 5P
   Homogeneous Si
SKM800GA125D SEMIKRON-SKM800GA125D_16 Datasheet
444Kb / 6P
   Homogeneous Si
logo
3M Electronics
FV024908 3M-FV024908 Datasheet
133Kb / 5P
   3M??Textured Vinyl Durable Label Material FV024908
logo
List of Unclassifed Man...
12350 ETC2-12350 Datasheet
271Kb / 2P
   STATFREE FOAM, CONDUCTIVE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com