Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-54039-S Datasheet(PDF) 1 Page - Texas Instruments

Part # PE-54039-S
Description  LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-54039-S Datasheet(HTML) 1 Page - Texas Instruments

  PE-54039-S Datasheet HTML 1Page - Texas Instruments PE-54039-S Datasheet HTML 2Page - Texas Instruments PE-54039-S Datasheet HTML 3Page - Texas Instruments PE-54039-S Datasheet HTML 4Page - Texas Instruments PE-54039-S Datasheet HTML 5Page - Texas Instruments PE-54039-S Datasheet HTML 6Page - Texas Instruments PE-54039-S Datasheet HTML 7Page - Texas Instruments PE-54039-S Datasheet HTML 8Page - Texas Instruments PE-54039-S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
LM2596 SIMPLE SWITCHER® Power Converter 150 kHz
3A Step-Down Voltage Regulator
Check for Samples: LM2596
1
FEATURES
DESCRIPTION
The LM2596 series of regulators are monolithic
23
3.3V, 5V, 12V, and Adjustable Output Versions
integrated circuits that provide all the active functions
Adjustable Version Output Voltage Range,
for a step-down (buck) switching regulator, capable of
1.2V to 37V ±4% Max Over Line and Load
driving a 3A load with excellent line and load
Conditions
regulation. These devices are available in fixed output
voltages of 3.3V, 5V, 12V, and an adjustable output
Available in TO-220 and TO-263 Packages
version.
Ensured 3A Output Load Current
Requiring
a
minimum
number
of
external
Input Voltage Range Up to 40V
components, these regulators are simple to use and
Requires Only 4 External Components
include internal frequency compensation , and a
Excellent Line and Load Regulation
fixed-frequency oscillator.
Specifications
The LM2596 series operates at a switching frequency
150 kHz Fixed Frequency Internal Oscillator
of
150
kHz
thus
allowing
smaller
sized
filter
TTL Shutdown Capability
components than what would be needed with lower
frequency
switching
regulators.
Available
in
a
Low Power Standby Mode, IQ Typically 80 μA
standard
5-lead
TO-220
package
with
several
High Efficiency
different lead bend options, and a 5-lead TO-263
Uses Readily Available Standard Inductors
surface mount package.
Thermal Shutdown and Current Limit
A standard series of inductors are available from
Protection
several different manufacturers optimized for use with
the LM2596 series. This feature greatly simplifies the
APPLICATIONS
design of switch-mode power supplies.
Simple High-Efficiency Step-Down (Buck)
Other features include a ensured ±4% tolerance on
Regulator
output voltage under specified input voltage and
output load conditions, and ±15% on the oscillator
On-Card Switching Regulators
frequency. External shutdown is included, featuring
Positive to Negative Converter
typically 80
μA standby current. Self protection
features include a two stage frequency reducing
current limit for the output switch and an over
temperature shutdown for complete protection under
fault conditions. (1)
(1)
† Patent Number 5,382,918.
Typical Application
(Fixed Output Voltage Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PE-54039-S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-54039 PULSE-PE-54039 Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54039NL PULSE-PE-54039NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54039NL PULSE-PE-54039NL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-54039NL PULSE-PE-54039NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54039NL PULSE-PE-54039NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
More results

Similar Description - PE-54039-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com