Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP660C-E Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # QTLP660C-E
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C-E Datasheet(HTML) 7 Page - Fairchild Semiconductor

  QTLP660C-E Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C-E Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2.5±0.5
Ø178.0±1.0
Ø13.0±0.5
2.5±0.5
13.2±1.5
16.0±0.2
Ø60.2±0.5
Progressive direction
Polarity
2.0±0.05
4.0
4.0
0.230±0.1
1.55±0.05
2.6
2.75
TAPE AND REEL DIMENSIONS
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
DS300103
8/31/01
7 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP660C-E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-2 FAIRCHILD-QTLP660C-2 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-3 FAIRCHILD-QTLP660C-3 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-4 FAIRCHILD-QTLP660C-4 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-7 FAIRCHILD-QTLP660C-7 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
More results

Similar Description - QTLP660C-E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com