Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP690C-Y Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QTLP690C-Y
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP690C-Y Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QTLP690C-Y Datasheet HTML 1Page - Fairchild Semiconductor QTLP690C-Y Datasheet HTML 2Page - Fairchild Semiconductor QTLP690C-Y Datasheet HTML 3Page - Fairchild Semiconductor QTLP690C-Y Datasheet HTML 4Page - Fairchild Semiconductor QTLP690C-Y Datasheet HTML 5Page - Fairchild Semiconductor QTLP690C-Y Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity
vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
010
20
30
40
50
100
90
80
70
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
AMBIENT TEMPERATURE TA (˚C)
50
40
30
20
10
0
0
255075
100
Fig.5 Maximum Forward Current
vs. Ambient Temperature
Fig.4 Radiation Diagram
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
500
550
600
650
700
WAVELENGTH (nm)
AG
Y
O
E
R
R, E, O and AG
Y
REL. LUMINOUS INTENSITY (%)
-80˚
80˚
-70˚
70˚
-60˚
60˚
-50˚
50˚
-40˚
40˚
-30˚
30˚
-20˚
20˚
-10˚
10˚
1.0
0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
-90˚
90˚
TYPICAL PERFORMANCE CURVES
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0402
QTLP690C-R Red
QTLP690C-E Orange
QTLP690C-O Yellow-Orange
QTLP690C-Y Yellow
QTLP690C-AG Yellow-Green
DS300396
8/31/01
3 OF 6
www.fairchildsemi.com


Similar Part No. - QTLP690C-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C FAIRCHILD-QTLP600C Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
84Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
More results

Similar Description - QTLP690C-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
logo
Roithner LaserTechnik G...
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
   Super bright LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com