Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86570L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMC86570L
Description  N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86570L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMC86570L Datasheet HTML 1Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 2Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 3Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 4Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 5Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 6Page - Fairchild Semiconductor FDMC86570L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2013 Fairchild Semiconductor Corporation
FDMC86570L Rev. C
Figure 7.
0
1428425670
0
2
4
6
8
10
ID = 18 A
VDD = 40 V
VDD = 30 V
Qg, GATE CHARGE (nC)
VDD = 20 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
60
1
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
100 400
1
10
50
TJ = 125 oC
TJ = 25 oC
TJ = 100 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
20
40
60
80
100
VGS = 4.5 V
Limited by Package
RθJC = 2.3
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11.
0.01
0.1
1
10
100 300
0.001
0.01
0.1
1
10
100
300
10 s
CURVE BENT TO
MEASURED DATA
100 μs
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12. Single Pulse Maximum
Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
1000
10000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMC86570L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8651 FAIRCHILD-FDMC8651 Datasheet
300Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 20 A, 6.1 m廓
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
282Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 60 V, 40 A, 6.3 m廓
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMC86520L FAIRCHILD-FDMC86520L Datasheet
258Kb / 7P
   N-Channel Power Trench짰 MOSFET 60 V, 22 A, 7.9 m廓
More results

Similar Description - FDMC86570L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
   MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTDS015N15MC ONSEMI-NTDS015N15MC Datasheet
148Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2
NTMFS015N15MC ONSEMI-NTMFS015N15MC Datasheet
231Kb / 8P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1
NTMFS7D5N15MC ONSEMI-NTMFS7D5N15MC Datasheet
281Kb / 9P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
January, 2021-Rev. 1
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
   N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
FDMC86106LZ FAIRCHILD-FDMC86106LZ_13 Datasheet
278Kb / 7P
   N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com