Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGLD12SR6040A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FGLD12SR6040A
Description  4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGLD12SR6040A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FGLD12SR6040A Datasheet HTML 3Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 4Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 5Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 6Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 7Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 8Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 9Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 10Page - List of Unclassifed Manufacturers FGLD12SR6040A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Page 7 of 38
Delivering Next Generation Technology
Series
FGLD12SR6040*A
4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
Http://www.fdk.com
Ver 1.6 Apr. 24, 2013
Preliminary Data Sheet
Design Considerations
Input Filtering
The
FGLD12SR6040*A
converter
should
be
connected to a low ac-impedance source. A highly
inductive source can affect the stability of the module.
An input capacitance must be placed directly adjacent
to the input pin of the module, to minimize input ripple
voltage and ensure module stability.
To minimize input voltage ripple, ceramic capacitors
are recommended at the input of the module. Fig-1
shows the input ripple voltage for various output
voltages at 40A of load current with 4x47uF, 6x47uF
or 8x47uF ceramic capacitors and an input of 12V.
Output Filtering
The FGLD12SR6040*A is designed for low output
ripple voltage and will meet the maximum output
ripple specification with 0.1uF ceramic and 47uF
ceramic capacitors at the output of the module.
However, additional output filtering may be required
by the system designer for a number of reasons. First,
there may be a need to further reduce the output
ripple and noise of the module. Second, the dynamic
response characteristics may need to be customized
to a particular load step change.
To reduce the output ripple and improve the dynamic
response to a step load change, additional
capacitance at the output can be used. Low ESR
polymer and ceramic capacitors are recommended to
improve the dynamic response of the module. Fig-2
provides output ripple information for different
external capacitance values at various Vo and a full
load current of 40A. For stable operation of the
module, limit the capacitance to less than the
maximum output capacitance as specified in the
electrical specification table. Optimal performance of
the module can be achieved by using the Tunable
Loop™ feature described later in this data sheet.
Safety Consideration
For safety agency approval the power module must
be installed in compliance with the spacing and
separation requirements of the end-use safety agency
standards, i.e., UL 60950-1 2nd, CSA C22.2 No.
60950-1-07, DIN EN 60950-1:2006 + A11 (VDE0805
Teil 1 + A11):2009-11; EN 60950-1:2006 +
A11:2009-03. (Pending)
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power
module has extra-low voltage (ELV) outputs when all
inputs are ELV.
The input to these units is to be provided with a fast
acting fuse with a maximum rating of 30A, 100V (for
example, Littlefuse 456 series) in the positive input
lead.
.
Fig-1: Input ripple voltage for various output
voltages
with
various
external
ceramic
capacitors at the input (40A load). Input voltage
is 12V. Scope Bandwidth limited to 20MHz.
50
100
150
200
250
300
350
400
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Voltage (Volts)
4x22uF Ext Cap
6x22uF Ext Cap
8x22uF Ext Cap
Fig-2: Output ripple voltage for various output
voltages with external 6x47uF, 8x47uF or
10x47uF ceramic capacitors at the output (40A
load). Input voltage is 12V. Scope Bandwidth
limited to 20MHz.
0
10
20
30
40
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Voltage(Volts)
6x47uF Ext Cap
8x47uF Ext Cap
10x47uF Ext Cap


Similar Part No. - FGLD12SR6040A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
FGL35N120FTDTU FAIRCHILD-FGL35N120FTDTU Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
FGL40N120AN FAIRCHILD-FGL40N120AN Datasheet
533Kb / 7P
   1200V NPT IGBT
FGL40N120AN FAIRCHILD-FGL40N120AN Datasheet
543Kb / 7P
   High speed switching
More results

Similar Description - FGLD12SR6040A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
logo
List of Unclassifed Man...
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
logo
List of Unclassifed Man...
FGMD12SR6020A ETC2-FGMD12SR6020A Datasheet
794Kb / 40P
   3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
FGSD12SR6012A ETC2-FGSD12SR6012A Datasheet
798Kb / 41P
   3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
FGMS12SR6020A ETC2-FGMS12SR6020A Datasheet
769Kb / 23P
   3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
FGSR12SR6003A ETC2-FGSR12SR6003A Datasheet
883Kb / 23P
   3-14.4Vdc Input, 3A, 0.6-5.5Vdc Output
logo
Lineage Power Corporati...
ATM020A0X3-SR LINEAGEPOWER-ATM020A0X3-SR Datasheet
766Kb / 21P
   2.4 - 3.63Vdc input; 0.75Vdc to 2.0Vdc Output; 20A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com