Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGMD12SR6020A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FGMD12SR6020A
Description  3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGMD12SR6020A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FGMD12SR6020A Datasheet HTML 1Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 2Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 3Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 4Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 5Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 6Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 7Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 8Page - List of Unclassifed Manufacturers FGMD12SR6020A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Page 1 of 40
Delivering Next Generation Technology
Series
FGMD12SR6020*A
3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
Http://www.fdk.com
Ver 1.3 Mar. 4, 2013
Preliminary Data Sheet
The Digital Tomodachi Series of non-isolated dc-dc
converters deliver exceptional electrical and thermal
performance
in
DOSA
based
footprints
for
Point-of-Load
converters.
Operating
from
a
3.0Vdc-14.4Vdc input, these are the converters of
choice for Intermediate Bus Architecture (IBA) and
Distributed Power Architecture applications that
require high efficiency, tight regulation, and high
reliability in elevated temperature environments with
low airflow. The PMBus interface supports a range of
commands to both control and monitor the module.
The module also includes the Tunable Loop™
feature that allows the user to optimize the dynamic
response of the converter to match the load with
reduced amount of output capacitance leading to
savings on cost and PWB area.
The FGMD12SR6020*A converter of the Tomodachi
Series delivers 20A of output current at a tightly
regulated programmable and PMBus control output
voltage
of 0.45Vdc
to
5.5Vdc. The
thermal
performance
of
the
FGMD12SR6020*A
is
best-in-class: Little derating is needed up to 85℃,
under natural convection.
Applications
 Intermediate Bus Architecture
 Telecommunications
 Data/Voice processing
 Distributed Power Architecture
 Computing (Servers, Workstations)
 Test Equipments
Features
 Compliant to RoHS EU Directive 2002/95/EC
 Delivers up to 20A (110W)
 High efficiency, no heatsink required
 Negative and Positive ON/OFF logic
 DOSA based
 Small size: 20.32 x 11.43 x 8.5mm
(0.8 in x 0.45 in x 0.335 in)
 Tape & reel packaging
 Programmable output voltage from 0.6V to 5.5V
via external resistor. Digitally adjustable down to
0.45Vdc
 Digital interface through the PMBus™ # protocol
 Tunable Loop™ to optimize dynamic output
voltage response
 Flexible output voltage sequencing
EZ-SEQUENCE
 Power Good signal
 Fixed switching frequency with capability of
external synchronization
 Auto-reset output over-current protection
 Remote ON/OFF
 Ability to sink and source current
 No minimum load required
 Start up into pre-biased output
UL* 60950-1 2nd Ed. Recognized, CSAC22.2 No.
60950-1-07 Certified, and VDE
(EN60950-1 2nd Ed.)
(Pending)
ISO** 9001 and ISO 14001 certified manufacturing
facilities
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
# The PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)


Similar Part No. - FGMD12SR6020A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
   High power performance
logo
Fujikura Ltd.
FGM-302PGSR FUJIKURA-FGM-302PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-305PGSR FUJIKURA-FGM-305PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-307PGSR FUJIKURA-FGM-307PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-3120PGSR FUJIKURA-FGM-3120PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
More results

Similar Description - FGMD12SR6020A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
FGSD12SR6012A ETC2-FGSD12SR6012A Datasheet
798Kb / 41P
   3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
FGMS12SR6020A ETC2-FGMS12SR6020A Datasheet
769Kb / 23P
   3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
FGSR12SR6003A ETC2-FGSR12SR6003A Datasheet
883Kb / 23P
   3-14.4Vdc Input, 3A, 0.6-5.5Vdc Output
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
logo
List of Unclassifed Man...
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com