Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE55 Datasheet(PDF) 9 Page - Altera Corporation

Part # EP4CE55
Description  Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE55 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP4CE55 Datasheet HTML 5Page - Altera Corporation EP4CE55 Datasheet HTML 6Page - Altera Corporation EP4CE55 Datasheet HTML 7Page - Altera Corporation EP4CE55 Datasheet HTML 8Page - Altera Corporation EP4CE55 Datasheet HTML 9Page - Altera Corporation EP4CE55 Datasheet HTML 10Page - Altera Corporation EP4CE55 Datasheet HTML 11Page - Altera Corporation EP4CE55 Datasheet HTML 12Page - Altera Corporation EP4CE55 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Chapter 1: Cyclone IV FPGA Device Family Overview
1–9
Cyclone IV Device Family Architecture
November 2011
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
I/O Features
Cyclone IV device I/O supports programmable bus hold, programmable pull-up
resistors, programmable delay, programmable drive strength, programmable
slew-rate control to optimize signal integrity, and hot socketing. Cyclone IV devices
support calibrated on-chip series termination (Rs OCT) or driver impedance matching
(Rs) for single-ended I/O standards. In Cyclone IV GX devices, the high-speed
transceiver I/Os are located on the left side of the device. The top, bottom, and right
sides can implement general-purpose user I/Os.
Table 1–8 lists the I/O standards that Cyclone IV devices support.
The LVDS SERDES is implemented in the core of the device using logic elements.
f For more information, refer to the I/O Features in Cyclone IV Devices chapter.
Clock Management
Cyclone IV devices include up to 30 global clock (GCLK) networks and up to eight
PLLs with five outputs per PLL to provide robust clock management and synthesis.
You can dynamically reconfigure Cyclone IV device PLLs in user mode to change the
clock frequency or phase.
Cyclone IV GX devices support two types of PLLs: multipurpose PLLs and general-
purpose PLLs:
Use multipurpose PLLs for clocking the transceiver blocks. You can also use them
for general-purpose clocking when they are not used for transceiver clocking.
Use general purpose PLLs for general-purpose applications in the fabric and
periphery, such as external memory interfaces. Some of the general purpose PLLs
can support transceiver clocking.
f For more information, refer to the Clock Networks and PLLs in Cyclone IV Devices
chapter.
External Memory Interfaces
Cyclone IV devices support SDR, DDR, DDR2 SDRAM, and QDRII SRAM interfaces
on the top, bottom, and right sides of the device. Cyclone IV E devices also support
these interfaces on the left side of the device. Interfaces may span two or more sides of
the device to allow more flexible board design. The Altera® DDR SDRAM memory
interface solution consists of a PHY interface and a memory controller. Altera supplies
the PHY IP and you can use it in conjunction with your own custom memory
controller or an Altera-provided memory controller. Cyclone IV devices support the
use of error correction coding (ECC) bits on DDR and DDR2 SDRAM interfaces.
Table 1–8. I/O Standards Support for the Cyclone IV Device Family
Type
I/O Standard
Single-Ended I/O
LVTTL, LVCMOS, SSTL, HSTL, PCI, and PCI-X
Differential I/O
SSTL, HSTL, LVPECL, BLVDS, LVDS, mini-LVDS, RSDS, and PPDS


Similar Part No. - EP4CE55

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE55 ALTERA-EP4CE55 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE55 ALTERA-EP4CE55 Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE55 ALTERA-EP4CE55 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE55 ALTERA-EP4CE55 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE55 ALTERA-EP4CE55 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results

Similar Description - EP4CE55

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com