Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CGX22 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP4CGX22
Description  Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX22 Datasheet(HTML) 5 Page - Altera Corporation

  EP4CGX22 Datasheet HTML 1Page - Altera Corporation EP4CGX22 Datasheet HTML 2Page - Altera Corporation EP4CGX22 Datasheet HTML 3Page - Altera Corporation EP4CGX22 Datasheet HTML 4Page - Altera Corporation EP4CGX22 Datasheet HTML 5Page - Altera Corporation EP4CGX22 Datasheet HTML 6Page - Altera Corporation EP4CGX22 Datasheet HTML 7Page - Altera Corporation EP4CGX22 Datasheet HTML 8Page - Altera Corporation EP4CGX22 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Package Matrix
Table 1–3 lists Cyclone IV E device package offerings.
Table 1–3. Package Offerings for the Cyclone IV E Device Family (1)
Package
E144
M164
U256
F256
U484
F484
F780
Size (mm)
22 × 22
8 × 8
14 × 14
17 × 17
19 × 19
23 × 23
29 × 29
Pitch (mm)
0.5
0.5
0.8
1.0
0.8
1.0
1.0
Device
EP4CE6
91
21——
179
66
179
66——————
EP4CE10
91
21——
179
66
179
66——————
EP4CE15
81
18
89
21
165
53
165
53
343
137
EP4CE22
79
17——
153
52
153
52——————
EP4CE30
——————————
328
124
532
224
EP4CE40
————————
328
124
328
124
532
224
EP4CE55
————————
324
132
324
132
374
160
EP4CE75
————————
292
110
292
110
426
178
EP4CE115
——————————
280
103
528
230
Notes to Table 1–3:
(1) The E144 package has an exposed pad at the bottom of the package. This exposed pad is a ground pad that must be connected to the ground plane of your PCB. Use this exposed pad for electrical
connectivity and not for thermal purposes.
(2) This includes both dedicated and emulated LVDS pairs. For more information, refer to the I/O Features in Cyclone IV Devices chapter.


Similar Part No. - EP4CGX22

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX22 ALTERA-EP4CGX22 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22 ALTERA-EP4CGX22 Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CGX22 ALTERA-EP4CGX22 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22 ALTERA-EP4CGX22 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX22 ALTERA-EP4CGX22 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX22

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com