Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR6045T4R5M Datasheet(PDF) 5 Page - Torex Semiconductor

Part # NR6045T4R5M
Description  18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

NR6045T4R5M Datasheet(HTML) 5 Page - Torex Semiconductor

  NR6045T4R5M Datasheet HTML 1Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 2Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 3Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 4Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 5Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 6Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 7Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 8Page - Torex Semiconductor NR6045T4R5M Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
XC9248
Series
■ELECTRICAL CHARACTERISTICS
XC9248 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Operating Voltage Range
VIN
When connected to external components
VIN ≦7V: Setup VOUT=3.3V
VIN >7V: Setup VOUT=5V
4.5
-
18
V
FB Voltage
VFB
VFB=Sweep (0.812V→0.788V), VSS=OPEN
0.788
0.800
0.812
V
FB Voltage
Temperature Characteristics
VFB/
(VFB・ΔTopr)
-40℃≦Topr≦105℃
±40
ppm/℃
Maximum Output Current
IOUTMAX
When connected to external components
2.2
(*1)
-
-
A
Supply Current
Iq
VIN=VEN=18V, VFB=0.9V
-
0.76
1.10
mA
Stand-by Current
ISTB
VIN=18V, VEN=0V, VFB=OPEN
-
38
51
μA
Oscillation Frequency
fOSC
VFB=0.7V, VSS=OPEN
450
500
550
kHz
Maximum Duty Cycle
Dmax
VFB=0.7V, VSS=OPEN
74
79
-
%
UVLO Detection Voltage
VUVLOD
VIN=Sweep (4.5V→3.5V) , VEN=2V, VFB=0.9V
Voltage when VL pin changes from
“H” level to “L” level
(*2)
3.50
3.80
4.45
V
UVLO Release Voltage
VUVLOR
VIN=Sweep (3.5V→4.5V), VEN=2V, VFB=0.9V
Voltage when VL pin changes from
“L” level to “H” level
(*2)
3.55
3.90
4.50
V
Low side Current Limit
ILIMLS
VOUT=4.5V (Forced), Bottom point of LX pin current
2.1
-
-
A
Integral Latch Time
(Type A)
tLAT
VFB=0.9V, ILX = ILIMLS
Time until SS pin changes from
“H” level to “L” level
(*2)
0.4
1.1
1.8
ms
Internal Soft-start Time
tSS
VIN=12V, VEN=2V, VFB=0.72V, VSS=OPEN
Time until LX pin oscillates
-
2.8
-
ms
SS Terminal Current
ISS
VSS=0V, VLX=VFB=OPEN
2
4
6
μA
SS Threshold Voltage
VSSTH
VFB=0.72V, VSS=OPEN
Voltage when LX pin oscillates
1.2
1.8
2.4
V
OVP Detection Voltage
VOVPD
VFB=Sweep (0.788V→1.2V), VSS=OPEN
-
0.9
1.2
V
Efficiency
EFFI
(*3)
Setup VOUT=5V, IOUT=0.7A
When connected to external components
-
93.8
-
%
Lx SW ”H” ON Resistance
RLXH
-
0.12
(*4)
-
-
Lx SW ”L” ON Resistance
RLXL
-
0.12
(*4)
-
-
EN ”H” Voltage
VENH
VIN=12V, VFB=0.9V, VEN=Sweep (0.2V→1.4V)
Voltage when VL pin changes from
“L” level to “H” level
(*2)
1.4
-
-
V
EN ”L” Voltage
VENL
VIN=12V, VFB=0.9V, VEN=Sweep (1.4V→0.2V)
Voltage when VL pin changes from
“H” level to “L” level
(*2)
-
-
0.2
V
LX ”L” Current
ILXL
VIN=18V , VEN=VLX=0V , VFB=VSS=OPEN
-1
0
-
μA
EN ”H” Current
IENH
VIN=VEN=18V , VLX=VFB=VSS=OPEN
-
16
21
μA
EN ”L” Current
IENL
VIN=18V , VEN=0V , VLX=VFB=VSS=OPEN
-0.1
-
0.1
μA
FB ”H” Current
IFBH
VIN=18V , VEN=0V , VFB=5V , VLX=VSS=OPEN
-0.1
-
0.1
μA
FB ”L” Current
IFBL
VIN=18V , VEN=VFB=0V , VLX=VSS=OPEN
-0.1
-
0.1
μA
Thermal Shutdown Temperature
TTSD
-
150
-
°C
-
Hysteresis Width
THYS
-
25
-
°C
-
CL Discharge Resistance
RDCHG
VIN=12V , VEN=0V , VLX=2V , VFB=VSS=OPEN
-
300
-
Ω
CL Discharge Current
IDCHG
VIN=12V , VEN=0V , VLX=12V , VFB=VSS=OPEN
-
9
-
mA
Unless otherwise stated, VIN=VEN=12V
(*1) Mount conditions affect heat dissipation. Maximum output current is not guaranteed when Thermal Shutdown starts to operate earlier.
(*2) “H”=4.3V~5V, “L”=-0.1V~0.1V
(*3) EFFI = {[(output voltage)×(output current)]÷[(input voltage)×(input current)]}×100
(*4) Design value


Similar Part No. - NR6045T4R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR6045T4R5M TAIYO-YUDEN-NR6045T4R5M Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
More results

Similar Description - NR6045T4R5M

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com