Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7064AE Datasheet(PDF) 1 Page - Altera Corporation

Part # EPM7064AE
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064AE Datasheet(HTML) 1 Page - Altera Corporation

  EPM7064AE Datasheet HTML 1Page - Altera Corporation EPM7064AE Datasheet HTML 2Page - Altera Corporation EPM7064AE Datasheet HTML 3Page - Altera Corporation EPM7064AE Datasheet HTML 4Page - Altera Corporation EPM7064AE Datasheet HTML 5Page - Altera Corporation EPM7064AE Datasheet HTML 6Page - Altera Corporation EPM7064AE Datasheet HTML 7Page - Altera Corporation EPM7064AE Datasheet HTML 8Page - Altera Corporation EPM7064AE Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
®
Includes
MAX 7000AE
Altera Corporation
1
MAX 7000A
Programmable Logic
Device
September 2003, ver. 4.5
Data Sheet
DS-M7000A-4.5
Features...
High-performance 3.3-V EEPROM-based programmable logic
devices (PLDs) built on second-generation Multiple Array MatriX
(MAX®) architecture (see Table 1)
3.3-V in-system programmability (ISP) through the built-in
IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface with
advanced pin-locking capability
MAX 7000AE device in-system programmability (ISP) circuitry
compliant with IEEE Std. 1532
EPM7128A and EPM7256A device ISP circuitry compatible with
IEEE Std. 1532
Built-in boundary-scan test (BST) circuitry compliant with
IEEE Std. 1149.1
Supports JEDEC Jam Standard Test and Programming Language
(STAPL) JESD-71
Enhanced ISP features
Enhanced ISP algorithm for faster programming (excluding
EPM7128A and EPM7256A devices)
ISP_Done bit to ensure complete programming (excluding
EPM7128A and EPM7256A devices)
Pull-up resistor on I/O pins during in-system programming
Pin-compatible with the popular 5.0-V MAX 7000S devices
High-density PLDs ranging from 600 to 10,000 usable gates
Extended temperature range
f For information on in-system programmable 5.0-V MAX 7000 or 2.5-V
MAX 7000B devices, see the MAX 7000 Programmable Logic Device Family
Data Sheet or the MAX 7000B Programmable Logic Device Family Data Sheet.


Similar Part No. - EPM7064AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064AE ALTERA-EPM7064AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device Family
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7064AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com