Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC431A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RC431A
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC431A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RC431A Datasheet HTML 1Page - Fairchild Semiconductor RC431A Datasheet HTML 2Page - Fairchild Semiconductor RC431A Datasheet HTML 3Page - Fairchild Semiconductor RC431A Datasheet HTML 4Page - Fairchild Semiconductor RC431A Datasheet HTML 5Page - Fairchild Semiconductor RC431A Datasheet HTML 6Page - Fairchild Semiconductor RC431A Datasheet HTML 7Page - Fairchild Semiconductor RC431A Datasheet HTML 8Page - Fairchild Semiconductor RC431A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RC0431A (RC431A)
PRODUCT SPECIFICATION
4
REV. 1.0.7 8/5/03
Parameter Measurement Information
Figure 1. Test Circuit for
Figure 2. Test Circuit for
VKA = VREF, VOUT = VKA = VREF
VKA > VREF, VOUT = VKA = VREF x (1+R1/R2) + IREF x R1
Figure 3. Test Circuit for IOFF
Figure 4. Reference Voltage vs. Junction Temp.
Figure 5. Reference Input Current vs. Junction Temp.
Figure 6. Cathode Current vs. Cathode Voltage
Figure 7. Cathode Current vs. Cathode Voltage
VOUT
V
65-431A-05
IN
Vref
IK
VOUT
VIN
Vref
IK
R1
R2
Iref
65-431A-06
VOUT
VIN
IOFF
65-431A-07
1.250
1.246
1.242
1.238
1.230
–20
–40
20
040
60
80
100
Tj—Junction Temp. (
°C)
lk = 10 mA
250
200
150
100
50
–40
–20
0
20
40
60
80
100
Tj—Junction Temp. (
°C)
lk = 10 mA, R1 = 10 k
Ω, R2 = infinite
15
10
5
0
–5
–10
–15
–0.5
-1
0
0.5
1
1.5
VKA–Cathode Voltage (V)
VKA = Vref, T = 25
°C
150
120
90
60
30
0
–30
–60
–90
–120
–150
–0.5
–1
0
0.5
1
1.5
VKA–Cathode Voltage (V)
VKA = Vref, T = 25
°C


Similar Part No. - RC431A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
RC43000020-DE OMRON-RC43000020-DE Datasheet
2Mb / 20P
   Born to drive machines
logo
Fairchild Semiconductor
RC4391 FAIRCHILD-RC4391 Datasheet
153Kb / 22P
   Inverting and Step-Down Switching Regulator
RC4391M FAIRCHILD-RC4391M Datasheet
153Kb / 22P
   Inverting and Step-Down Switching Regulator
RC4391N FAIRCHILD-RC4391N Datasheet
153Kb / 22P
   Inverting and Step-Down Switching Regulator
More results

Similar Description - RC431A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com