Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D686X0006C2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 135D686X0006C2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D686X0006C2 Datasheet(HTML) 4 Page - Vishay Siliconix

  135D686X0006C2 Datasheet HTML 1Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 2Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 3Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 4Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 5Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 6Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 7Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 8Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
4
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 VDC AT + 85 °C; 65 VDC AT + 125 °C; 60 VDC AT + 200 °C
2.2
C
135D225X0100C2
10.6
950
1.0
2.0
- 16
+ 7
+ 8
505
2.5
C
135D255X0100C2
10.6
950
1.0
2.0
- 16
+ 7
+ 8
505
3.9
C
135D395X0100C2
10.0
600
1.0
2.0
- 16
+ 7
+ 8
520
4.7
C
135D475X0100C2
8.5
500
1.0
2.0
- 16
+ 7
+ 8
565
11
F
135D116X0100F2
6.0
200
1.0
4.0
- 16
+ 7
+ 8
835
22
F
135D226X0100F2
4.8
100
1.0
9.0
- 16
+ 7
+ 8
965
30
T
135D306X0100T2
3.3
80
2.0
12.0
- 16
+ 7
+ 8
1240
43
T
135D436X0100T2
2.6
70
2.0
17.0
- 20
+ 7
+ 8
1335
82
K
135D826X0100K2
1.6
39
3.0
24
- 24
+ 18
+ 18
1860
86
K
135D866X0100K2
1.6
30
9.0
36.0
- 25
+ 15
+ 15
1800
125 VDC AT + 85 °C; 85 VDC AT + 125 °C; 75 VDC AT + 200 °C
1.7
C
135D175X0125C2
15.6
1250
1.0
2.0
- 16
+ 7
+ 8
415
3.6
C
135D365X0125C2
10.0
600
1.0
2.0
- 16
+ 7
+ 8
520
9
F
135D905X0125F2
7.4
240
1.0
5.0
- 16
+ 7
+ 8
755
14
F
135D146X0125F2
5.7
167
1.0
7.0
- 16
+ 7
+ 8
860
18
T
135D186X0125T2
3.7
129
2.0
9.0
- 16
+ 7
+ 8
1130
25
T
135D256X0125T2
3.2
93
2.0
13.0
- 16
+ 7
+ 8
1200
56
K
135D566X0125K2
1.6
32
10.0
40.0
- 25
+ 15
+ 15
1800
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. IMP.
AT - 55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
6 VDC AT + 85 °C; 4 VDC AT + 125 °C; 3.6 VDC AT + 200 °C
220
C
135D227X0006C2
3.0
36
2.0
9.0
- 64
+ 13
+ 16
1000
560
F
135D567X0006F2
2.5
21
3.0
9.0
- 77
+ 16
+ 20
1500
820
F
135D827X0006F2
2.5
18
3.0
14
- 88
+ 16
+ 20
1500
1200
T
135D128X0006T2
1.5
18
5.0
18.0
- 88
+ 20
+ 25
1900
1500
T
135D158X0006T2
1.5
18
5.0
20.0
- 90
+ 20
+ 25
1900
2200
K
135D228X0006K2
1.0
13
6.0
24.0
- 90
+ 25
+ 30
2300
8 VDC AT + 85 °C; 5 VDC AT + 125 °C; 4.8 VDC AT + 200 °C
180
C
135D187X0008C2
3.0
45
2.0
9.0
- 60
+ 13
+ 16
1000
680
F
135D687X0008F2
2.5
22
3.0
14.0
- 83
+ 16
+ 20
1500
1500
T
135D158X0008T2
1.5
18
5.0
20.0
- 90
+ 20
+ 25
1900
1800
K
135D188X0008K2
1.0
14
7.0
25.0
- 90
+ 25
+ 30
2300
10 VDC AT + 85 °C; 7 VDC AT + 125 °C; 6 VDC AT + 200 °C
120
C
135D127X0010C2
3.2
54
2.0
6.0
- 40
+ 14
+ 16
900
150
C
135D157X0010C2
3.0
54
2.0
9.0
- 55
+ 13
+ 16
900
390
F
135D397X0010F2
2.5
27
3.0
9.0
- 66
+ 16
+ 20
-
470
F
135D477X0010F2
2.5
27
3.0
16.0
- 66
+ 16
+ 20
1450
560
F
135D567X0010F2
2.5
27
3.0
16.0
- 77
+ 16
+ 20
1450
1200
T
135D128X0010T2
1.5
18
5.0
20.0
- 88
+ 20
+ 25
1850
1500
K
135D158X0010K2
1.0
15
7.0
25.0
- 88
+ 25
+ 30
2300
Note
(1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation,
and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please
consult Ordering Information on first page for proper part number.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. IMP.
AT - 55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
Note
(1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation,
and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please
consult Ordering Information on first page for proper part number.


Similar Part No. - 135D686X0006C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D686X0006C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com