Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199D156(1)003A(2)(3) Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 199D156(1)003A(2)(3)
Description  Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D156(1)003A(2)(3) Datasheet(HTML) 1 Page - Vishay Siliconix

  199D156(1)003A(2)(3) Datasheet HTML 1Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 2Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 3Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 4Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 5Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 6Page - Vishay Siliconix 199D156(1)003A(2)(3) Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 29-Nov-12
1
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid-Electrolyte TANTALEX® Capacitors,
Resin-Coated, Radial-Lead
FEATURES
• Terminations: Tin/lead (SnPb), 100 % tin (Sn)
• Economy and high performance are combined
in these radial-lead, solid-electrolyte TANTALEX®
capacitors
• Rugged,
reliable
capacitors
featuring
low
leakage current and low dissipation factor
• Six miniature case sizes and five lead styles. All case sizes
are available in standard tape and reel packaging per
EIA-468
• Standard ratings include replacements for Type 196D
capacitors
• Lead (Pb)-free capacitors have “L” in body marking
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
APPLICATIONS
Suitable for a broad range of consumer, commercial and
industrial equipment
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(to + 125 °C with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C, ± 20 %,
± 10 % standard. ± 5 % available as special
Dissipation Factor: At 120 Hz, + 25 °C. Dissipation factor,
shall not exceed the values listed in the Standard Ratings
tables.
DC Leakage Current (DCL Max.):
At + 25 °C: Leakage current shall not exceed the values
listed in the Standard Ratings tables.
At + 85 °C: Leakage current shall not exceed 10 times the
values listed in the Standard Ratings tables.
At + 125 °C: Leakage shall not exceed 15 times the values
listed in the Standard Ratings tables.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85 °C for 1000 h with a circuit resistance not
greater than 3
.
Following the life test:
1.
DCL shall not exceed 125 % of the initial requirements
2.
Dissipation Factor shall meet the initial requirement
3.
Change in capacitance shall not exceed ± 10 %
LEAD STYLE CONFIGURATIONS AND DIMENSIONS** (LL = Lead Length)
AVAILABLE LEAD STYLES AND PACKAGING TYPES PER CASE SIZE
LEAD STYLE/CASE
1
2
3
4
5679
X
Y
Z
A
Bulk
V1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Reel
B1
Ammo
A1
Bulk
V1
Bulk
V1
Reel
B1
Ammo
A1
B
C
D
E
Bulk
V1
Bulk/Reel
Ammo
F
“LONG/SHORT” LL
1, 3 and Y
+
+
L
D
H
P
+
+
L
D
H
P
EVEN LL
2, 4 and 5
“OUTSIDE HOCKEYSTICK”
6 and 7
D
H
1
P
L
+
+
“SNAP- IN”
9
H
L
D
1.1 ± 0.05
P
+
+
“HAIRPIN” X, Z
H
1
D
H
L
P
6.35 max.
(1) - WIRE DIAMETER (NOMINAL) 0.020" [0.51 mm]


Similar Part No. - 199D156(1)003A(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D156003A VISHAY-199D156003A Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D1561003A23 VISHAY-199D1561003A23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1561010C23 VISHAY-199D1561010C23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1561016C23 VISHAY-199D1561016C23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1561020D23 VISHAY-199D1561020D23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
More results

Similar Description - 199D156(1)003A(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D Datasheet
60Kb / 4P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision 07-May-03
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com