Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC160A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1.5SMC160A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5SMC160A Datasheet(HTML) 2 Page - Vishay Siliconix

  1.5SMC160A Datasheet HTML 1Page - Vishay Siliconix 1.5SMC160A Datasheet HTML 2Page - Vishay Siliconix 1.5SMC160A Datasheet HTML 3Page - Vishay Siliconix 1.5SMC160A Datasheet HTML 4Page - Vishay Siliconix 1.5SMC160A Datasheet HTML 5Page - Vishay Siliconix 1.5SMC160A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5SMC Series
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
2
Document Number: 88303
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR of 10 V and less, the ID limit is doubled
(5) VF = 3.5 V at IF = 100 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
1.5SMC6.8A
6V8A
6V8C
6.45
7.14
10
5.80
1000
143
10.5
0.057
1.5SMC7.5A
7V5A
7V5C
7.13
7.88
10
6.40
500
133
11.3
0.061
1.5SMC8.2A
8V2A
8V2C
7.79
8.61
10
7.02
200
124
12.1
0.065
1.5SMC9.1A
9V1A
9V1C
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1.5SMC10A
10A
10C
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1.5SMC11A
11A
11C
10.5
11.6
1.0
9.40
5.0
96.2
15.6
0.075
1.5SMC12A
12A
12C
11.4
12.6
1.0
10.2
5.0
89.8
16.7
0.078
1.5SMC13A
13A
13C
12.4
13.7
1.0
11.1
5.0
82.4
18.2
0.081
1.5SMC15A
15A
15C
14.3
15.8
1.0
12.8
1.0
70.8
21.2
0.084
1.5SMC16A
16A
16C
15.2
16.8
1.0
13.6
1.0
66.7
22.5
0.086
1.5SMC18A
18A
18C
17.1
18.9
1.0
15.3
1.0
59.5
25.2
0.089
1.5SMC20A
20A
20C
19.0
21.0
1.0
17.1
1.0
54.2
27.7
0.090
1.5SMC22A
22A
22C
20.9
23.1
1.0
18.8
1.0
49.0
30.6
0.092
1.5SMC24A
24A
24C
22.8
25.2
1.0
20.5
1.0
45.2
33.2
0.090
1.5SMC27A
27A
27C
25.7
28.4
1.0
23.1
1.0
40.0
37.5
0.096
1.5SMC30A
30A
30C
28.5
31.5
1.0
25.6
1.0
36.2
41.4
0.097
1.5SMC33A
33A
33C
31.4
34.7
1.0
28.2
1.0
32.8
45.7
0.098
1.5SMC36A
36A
36C
34.2
37.8
1.0
30.8
1.0
30.1
49.9
0.099
1.5SMC39A
39A
39C
37.1
41.0
1.0
33.3
1.0
27.8
53.9
0.100
1.5SMC43A
43A
43C
40.9
45.2
1.0
36.8
1.0
25.3
59.3
0.101
1.5SMC47A
47A
47C
44.7
49.4
1.0
40.2
1.0
23.1
64.8
0.101
1.5SMC51A
51A
51C
48.5
53.6
1.0
43.6
1.0
21.4
70.1
0.102
1.5SMC56A
56A
56C
53.2
58.8
1.0
47.8
1.0
19.5
77.0
0.103
1.5SMC62A
62A
62C
58.9
65.1
1.0
53.0
1.0
17.6
85.0
0.104
1.5SMC68A
68A
68C
64.6
71.4
1.0
58.1
1.0
16.3
92.0
0.104
1.5SMC75A
75A
75C
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105
1.5SMC82A
82A
82C
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1.5SMC91A
91A
91C
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1.5SMC100A
100A
100C
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1.5SMC110A
110A
110C
105
116
1.0
94.0
1.0
9.9
152
0.107
1.5SMC120A
120A
120C
114
126
1.0
102
1.0
9.1
165
0.107
1.5SMC130A
130A
130C
124
137
1.0
111
1.0
8.4
179
0.107
1.5SMC150A
150A
150C
143
158
1.0
128
1.0
7.2
207
0.106
1.5SMC160A
160A
160C
152
168
1.0
136
1.0
6.8
219
0.108
1.5SMC170A
170A
170C
162
179
1.0
145
1.0
6.4
234
0.108
1.5SMC180A
180A
180C
171
189
1.0
154
1.0
6.1
246
0.108
1.5SMC200A
200A
200C
190
210
1.0
171
1.0
5.5
274
0.108
1.5SMC220A
220A
220C
209
231
1.0
185
1.0
4.6
328
0.108
1.5SMC250A
250A
-
237
263
1.0
214
1.0
4.4
344
0.110
1.5SMC300A
300A
-
285
315
1.0
256
1.0
3.6
414
0.110
1.5SMC350A
350A
-
333
368
1.0
300
1.0
3.1
482
0.110
1.5SMC400A
400A
-
380
420
1.0
342
1.0
2.7
548
0.110
1.5SMC440A
440A
-
418
462
1.0
376
1.0
2.5
602
0.110
1.5SMC480A
480A
-
456
504
1.0
408
1.0
2.28
658
0.110
1.5SMC510A
510A
-
485
535
1.0
434
1.0
2.15
698
0.110
1.5SMC540A
540A
-
513
567
1.0
459
1.0
2.03
740
0.110


Similar Part No. - 1.5SMC160A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC160A CENTRAL-1.5SMC160A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Jiangsu High diode Semi...
1.5SMC160A HDSEMI-1.5SMC160A Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
logo
MDE Semiconductor, Inc.
1.5SMC160A MDE-1.5SMC160A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
1.5SMC160A UNSEMI-1.5SMC160A Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Vishay Siliconix
1.5SMC160A VISHAY-1.5SMC160A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC160A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com