Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

134D227(1)100K(2)(3) Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 134D227(1)100K(2)(3)
Description  Wet Tantalum HI-TMP Capacitors Tantalum Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

134D227(1)100K(2)(3) Datasheet(HTML) 1 Page - Vishay Siliconix

  134D227(1)100K(2)(3) Datasheet HTML 1Page - Vishay Siliconix 134D227(1)100K(2)(3) Datasheet HTML 2Page - Vishay Siliconix 134D227(1)100K(2)(3) Datasheet HTML 3Page - Vishay Siliconix 134D227(1)100K(2)(3) Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
134D
www.vishay.com
Vishay Sprague
Revision: 21-Mar-13
1
Document Number: 40072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum HI-TMP® Capacitors Tantalum Case with
Glass-to-Tantalum Hermetic Seal for - 55 °C to + 200 °C Operation
FEATURES
• High capacitance
• Hermetically sealed, tantalum case
• + 200 °C high temperature
•Terminations: Axial, standard tin/lead (SnPb)
• 100 % tin (RoHS-compliant) available
• Mounting: Through-hole
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
APPLICATIONS
• Industrial
• Petroleum exploration
• High temperature/high stress environment
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C (to + 200 °C
with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C; ± 20 %
standard; ± 10 %
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings tables.
Life Test: Capacitors are capable of withstanding a 500 h
life test at a temperature of + 200 °C at the applicable
derated DC working voltage.
Note
• Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not available due to the
unit weight.
Note
(1) For insulated parts, add 0.015 inches [0.38 mm] to the diameter. The insulation shall lap over the ends of the capacitor body.
ORDERING INFORMATION
134D
227
X0
100
K
6
E3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V)
See
Ratings
and Case
Codes
table
High temperature
8 = No outer
insulating sleeve
6 = High
temperature
film insulation
(above + 125 °C)
E3 = 100 % tin
termination
(RoHS compliant design)
Blank = SnPb
termination
(standard design)
DIMENSIONS in inches [millimeters]
CASE CODE
DL1 (1)
L2 (Max.)
E
WEIGHT (g)
(Max.)
TYPE 134D
CLR 79/81 EQUIV.
CT1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031/- 0.016
[11.51 + 0.79/- 0.41]
0.734
[18.64]
1.500 ± 0.250
[38.10 ± 6.35]
2.6
FT2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031/- 0.016
[16.28 + 0.79/- 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
TT3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031/- 0.016
[19.46 + 0.79/- 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
KT4
0.375 ± 0.016
[9.53 ± 0.41]
1.062 + 0.031/- 0.016
[26.97 + 0.79/- 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
L2
Weld
Tantalum
0.0253 ± 0.002 [0.64 ± 0.05] dia.
(No. 22 AWG tinned nickel leads
solderable and weldable)
D
EL1
E


Similar Part No. - 134D227(1)100K(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134D227X0100C6 VISHAY-134D227X0100C6 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C6E3 VISHAY-134D227X0100C6E3 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C8 VISHAY-134D227X0100C8 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C8E3 VISHAY-134D227X0100C8E3 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100F6 VISHAY-134D227X0100F6 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
More results

Similar Description - 134D227(1)100K(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T34 VISHAY-T34 Datasheet
104Kb / 5P
   Wet Tantalum High Performance HI-TMP짰 Capacitors
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com