Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199D107(1)003D(2)(3) Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 199D107(1)003D(2)(3)
Description  Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D107(1)003D(2)(3) Datasheet(HTML) 4 Page - Vishay Siliconix

  199D107(1)003D(2)(3) Datasheet HTML 1Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 2Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 3Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 4Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 5Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 6Page - Vishay Siliconix 199D107(1)003D(2)(3) Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 29-Nov-12
4
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz (%)
3 VDC AT + 85 °C, SURGE = 3.6 V; 2 VDC AT + 125 °C, SURGE = 2.4 V
4.7
A
199D475(1)003A(2)(3)
0.5
6
6.8
A
199D685(1)003A(2)(3)
0.5
6
10
A
199D106(1)003A(2)(3)
0.5
8
15
A
199D156(1)003A(2)(3)
0.5
8
22
B
199D226(1)003B(2)(3)
0.6
8
33
B
199D336(1)003B(2)(3)
1.0
8
47
C
199D476(1)003C(2)(3)
1.4
8
68
C
199D686(1)003C(2)(3)
2.0
8
100
D
199D107(1)003D(2)(3)
3.0
10
150
D
199D157(1)003D(2)(3)
4.0
10
220
E
199D227(1)003E(2)(3)
5.0
10
330
E
199D337(1)003E(2)(3)
6.0
10
470
F
199D477(1)003F(2)(3)
8.0
10
680
F
199D687(1)003F(2)(3)
10.0
10
6.3 VDC AT + 85 °C, SURGE = 8 V; 4 VDC AT + 125 °C, SURGE = 5 V
4.7
A
199D475(1)6R3A(2)(3)
0.5
6
6.8
A
199D685(1)6R3A(2)(3)
0.5
6
10
B
199D106(1)6R3B(2)(3)
0.6
8
15
B
199D156(1)6R3B(2)(3)
0.9
8
22
C
199D226(1)6R3C(2)(3)
1.3
8
33
C
199D336(1)6R3C(2)(3)
2.0
8
47
D
199D476(1)6R3D(2)(3)
2.9
8
68
D
199D686(1)6R3D(2)(3)
4.0
8
100
D
199D107(1)6R3D(2)(3)
5.0
10
150
E
199D157(1)6R3E(2)(3)
6.0
10
220
E
199D227(1)6R3E(2)(3)
7.0
10
330
F
199D337(1)6R3F(2)(3)
8.0
10
10 VDC AT + 85 °C, SURGE = 13 V; 7 VDC AT + 125 °C, SURGE = 9 V
3.3
A
199D335(1)010A(2)(3)
0.5
6
4.7
A
199D475(1)010A(2)(3)
0.5
6
6.8
B
199D685(1)010B(2)(3)
0.6
6
10
B
199D106(1)010B(2)(3)
1.0
8
15
C
199D156(1)010C(2)(3)
1.5
8
22
C
199D226(1)010C(2)(3)
2.0
8
33
D
199D336(1)010D(2)(3)
3.0
8
39
D
199D339(1)010D(2)(3)
3.9
8
47
D
199D476(1)010D(2)(3)
4.0
8
68
D
199D686(1)010D(2)(3)
5.0
8
100
E
199D107(1)010E(2)(3)
6.0
10
150
E
199D157(1)010E(2)(3)
7.0
10
220
F
199D227(1)010F(2)(3)
8.0
10
16 VDC AT + 85 °C, SURGE = 20 V; 10 VDC AT + 125 °C, SURGE = 12 V
2.2
A
199D225(1)016A(2)(3)
0.5
6
3.3
A
199D335(1)016A(2)(3)
0.5
6
4.7
B
199D475(1)016B(2)(3)
0.7
6
6.8
B
199D685(1)016B(2)(3)
1.0
6
10
C
199D106(1)016C(2)(3)
1.5
8
15
C
199D156(1)016C(2)(3)
2.4
8
22
D
199D226(1)016D(2)(3)
3.5
8
33
D
199D336(1)016D(2)(3)
4.0
8
47
E
199D476(1)016E(2)(3)
5.0
8
68
E
199D686(1)016E(2)(3)
6.0
8
100
F
199D107(1)016F(2)(3)
7.0
10
150
F
199D157(1)016F(2)(3)
8.0
10
Note
• Part number definitions:
(1) For capacitance tolerance: X0 = ± 20 %, X9 = ± 10 % or X5 = 5 %
(2) To specify Lead Style/Spacing/Packaging insert the last three characters in the part number. Use the appropriate code shown in the
Current Ordering Cross Reference table and explained in the Ordering Information and Lead Styles table.
(3) E3 = RoHS compliant 100 % tin leads. Blank or no suffix = Standard tin/lead termination.


Similar Part No. - 199D107(1)003D(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D107003D VISHAY-199D107003D Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D1071003D23 VISHAY-199D1071003D23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1071010E23 VISHAY-199D1071010E23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1071016F23 VISHAY-199D1071016F23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1071020F23 VISHAY-199D1071020F23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
More results

Similar Description - 199D107(1)003D(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D Datasheet
60Kb / 4P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision 07-May-03
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com