Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X0010D8T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 593D107X0010D8T
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X0010D8T Datasheet(HTML) 3 Page - Vishay Siliconix

  593D107X0010D8T Datasheet HTML 1Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 2Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 3Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 4Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 5Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 6Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 7Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 8Page - Vishay Siliconix 593D107X0010D8T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
3
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear a different marking scheme if a part with more extensive screening is substituted. These would include, for example,
“R” for low ESR series (TR3) or “P” for professional series (TP3).
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
15
A
593D156(1)004A(2)
0.6
6
1.500
0.22
22
A
593D226(1)004A(2)
0.9
6
1.500
0.22
33
A
593D336(1)004A(2)
1.3
6
1.500
0.22
33
B
593D336(1)004B(2)
1.3
6
0.500
0.41
47
A
593D476(1)004A(2)
1.9
14
0.800
0.31
47
B
593D476(1)004B(2)
1.9
6
0.500
0.41
68
B
593D686(1)004B(2)
2.7
6
0.500
0.41
68
C
593D686(1)004C(2)
2.7
6
0.275
0.63
100
B
593D107(1)004B(2)
4.0
8
0.450
0.43
100
C
593D107(1)004C(2)
4.0
6
0.225
0.66
150
B
593D157(1)004B(2)
6.0
14
0.500
0.41
150
C
593D157(1)004C(2)
6.0
12
0.250
0.66
150
D
593D157(1)004D(2)
6.0
8
0.150
1.00
220
C
593D227(1)004C(2)
8.8
8
0.200
0.74
220
D
593D227(1)004D(2)
8.8
8
0.150
1.00
330
D
593D337(1)004D(2)
13.2
8
0.150
1.00
470
D
593D477(1)004D(2)
18.8
10
0.125
1.10
470
E
593D477(1)004E(2)
18.8
10
0.100
1.28
680
E
593D687(1)004E(2)
27.2
12
0.100
1.28
6.3 VDC AT + 85 °C; 4 VDC AT 125 °C
10
A
593D106(1)6R3A(2)
0.6
6
2.000
0.19
15
A
593D156(1)6R3A(2)
0.9
6
2.000
0.19
22
A
593D226(1)6R3A(2)
1.3
6
2.000
0.19
22
B
593D226(1)6R3B(2)
1.3
6
0.600
0.38
33
A
593D336(1)6R3A(2)
2.0
14
0.800
0.31
Note
• Part number definitions:
(1) Tolerance: X0, X9, X5
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
Capacitance Code, pF
Indicates Lead (Pb)-free
Polarity Band
Voltage Code
V 104L
A Case
Data Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance
μF
Polarity Band
22
10L
XX
2
B, C, D, E Cases


Similar Part No. - 593D107X0010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X0010D8T VISHAY-593D107X0010D8T Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X0010D8T VISHAY-593D107X0010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X0010D8T VISHAY-593D107X0010D8T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X0010D8T VISHAY-593D107X0010D8T Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X0010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com