Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

134D227(1)100T(2)(3) Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 134D227(1)100T(2)(3)
Description  Wet Tantalum HI-TMP Capacitors Tantalum Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

134D227(1)100T(2)(3) Datasheet(HTML) 2 Page - Vishay Siliconix

  134D227(1)100T(2)(3) Datasheet HTML 1Page - Vishay Siliconix 134D227(1)100T(2)(3) Datasheet HTML 2Page - Vishay Siliconix 134D227(1)100T(2)(3) Datasheet HTML 3Page - Vishay Siliconix 134D227(1)100T(2)(3) Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
134D
www.vishay.com
Vishay Sprague
Revision: 21-Mar-13
2
Document Number: 40072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Part number definitions:
(1) Capacitance tolerance: X9 = 10 %, X0 = 20 %
(2) Style number: 8 = No film insulation, 6 = High temperature film isulation
(3) Termination: Blank = Standard tin/lead, E3 = RoHS compliant 100 % tin
STANDARD RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
CASE
CODE
MAX.
120 Hz
ESR
(
)
MAX. DCL
(μA)
MAX.
IMP., Z
AT - 25 °C
(
)
MAX.
CAP.
AT - 25 °C
(%)
TYP.
IMP., Z
AT - 55 °C
(
)
TYP.
CAP.
AT - 55 °C
(%)
TYP.
CAP. (%)
AC
RIPPLE
85 °C
40 kHz
(mA) RMS
PART NUMBER
25 °C
85 °C/
125 °C
85 °C 125 °C
50 VDC AT 85 °C; 30 VDC AT 125 °C; 30 VDC AT 200 °C
68
C
1.50
1
5
22
- 6
25
- 11
12
55
1400
134D686(1)050C(2)(3)
220
F
0.90
2
10
9
- 15
10
- 25
13
50
2300
134D227(1)050F(2)(3)
470
T
0.75
3
25
6
- 24
8
- 50
10
25
2650
134D477(1)050T(2)(3)
680
K
0.70
5
40
4
- 22
5
- 40
12
40
2900
134D687(1)050K(2)(3)
60 VDC AT 85 °C; 40 VDC AT 125 °C; 36 VDC AT 200 °C
47
C
2.00
1
5
34
- 8
40
- 20
8
12
1250
134D476(1)060C(2)(3)
150
F
1.10
2
10
13
- 11
15
- 25
10
30
2050
134D157(1)060F(2)(3)
390
T
0.90
3
25
7
- 27
10
- 50
10
25
2450
134D397(1)060T(2)(3)
560
K
0.80
5
40
5
- 21
6
- 40
12
40
2700
134D567(1)060K(2)(3)
75 VDC AT 85 °C; 50 VDC AT 125 °C; 45 VDC AT 200 °C
33
C
2.50
1
5
45
- 3.5
50
- 6
8
25
1100
134D336(1)075C(2)(3)
110
F
1.30
2
10
16
- 8
20
- 18
8
30
1900
134D117(1)075F(2)(3)
330
T
1.00
3
30
8
- 30
12
- 50
10
25
2300
134D337(1)075T(2)(3)
470
K
0.90
5
50
6
- 20
7
- 40
10
40
2550
134D477(1)075K(2)(3)
100 VDC AT 85 °C; 65 VDC AT 125 °C; 60 VDC AT 200 °C
15
C
3.50
1
5
95
- 2.5
100
- 4
8
25
950
134D156(1)100C(2)(3)
68
F
2.10
2
10
25
- 6
30
- 14
8
25
1500
134D686(1)100F(2)(3)
150
T
1.60
3
25
14
- 12
18
- 30
8
22
1800
134D157(1)100T(2)(3)
220
K
1.20
5
50
13
- 44
16
- 55
8
15
2200
134D227(1)100K(2)(3)
125 VDC AT 85 °C; 85 VDC AT 125 °C; 75 VDC AT 200 °C
10
C
5.50
1
5
145
- 2.5
150
- 4
8
20
750
134D106(1)125C(2)(3)
47
F
2.30
2
10
35
- 5
40
- 12
7
20
1450
134D476(1)125F(2)(3)
50
F
2.30
3
10
35
- 5
40
- 12
7
20
1450
134D506(1)125F(2)(3)
100
T
1.80
3
25
24
- 20
30
- 35
8
20
1700
134D107(1)125T(2)(3)
150
K
1.60
5
50
13
- 10
16
- 28
6
12
1900
134D157(1)125K(2)(3)


Similar Part No. - 134D227(1)100T(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134D227X0100C6 VISHAY-134D227X0100C6 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C6E3 VISHAY-134D227X0100C6E3 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C8 VISHAY-134D227X0100C8 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C8E3 VISHAY-134D227X0100C8E3 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100F6 VISHAY-134D227X0100F6 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
More results

Similar Description - 134D227(1)100T(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T34 VISHAY-T34 Datasheet
104Kb / 5P
   Wet Tantalum High Performance HI-TMP짰 Capacitors
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com