Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5259B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1N5259B
Description  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5259B Datasheet(HTML) 5 Page - Vishay Siliconix

  1N5259B Datasheet HTML 1Page - Vishay Siliconix 1N5259B Datasheet HTML 2Page - Vishay Siliconix 1N5259B Datasheet HTML 3Page - Vishay Siliconix 1N5259B Datasheet HTML 4Page - Vishay Siliconix 1N5259B Datasheet HTML 5Page - Vishay Siliconix 1N5259B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N5221B to 1N5267B
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 06-May-13
5
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): DO-35_1N52xx
94 12648
Rev. 1 - Date: 19. December 2011
Document no.: S8-V-3906.04-031(4)
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
Cathode Identification
3.1 min. [0.120]


Similar Part No. - 1N5259B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5259B VISHAY-1N5259B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5259B MCC-1N5259B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5259B TGS-1N5259B Datasheet
264Kb / 3P
   Zener diode
logo
Yea Shin Technology Co....
1N5259B YEASHIN-1N5259B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5259B FAIRCHILD-1N5259B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5259B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com