Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X9010D8T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 593D107X9010D8T
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X9010D8T Datasheet(HTML) 2 Page - Vishay Siliconix

  593D107X9010D8T Datasheet HTML 1Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 2Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 3Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 4Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 5Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 6Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 7Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 8Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
2
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.47
A
0.68
A
1.0
A
A
A
A/B
B/C
1.5
AB/C
B/C
2.2
AA/B
B/C
C/D
3.3
A
A
B
C
C/D
4.7
A
A/B
A/B
B/C
C
D/E
6.8
A
A
B
C
C/D
D/E
10
A
A
A/B/C
B/C
C
C/D
D/E
15
A
A
A/B
B/C
B/C
C/D
D/E
22
A
A/B
A/B/C
B/C
C/D
D
D/E
33
A/B
A/B
B/C
B/C/D
C/D
D/E
47
A/B
B/C
B/C/D
C/D
D/E
E
68
B/C
B/C
C/D
D
D/E
100
B/C
B/C/D
C/D
D/E
E
150
B/C/D
C/D/E
D/E
E
220
C/D
D/E
D/E
330
D
D/E
E
470
D/E
E
680
E
L
T
H (MIN.)
H
W
T
W
P
Glue Pad
Glue Pad


Similar Part No. - 593D107X9010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X9010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com