Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1C20C0G222J050B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1C20C0G222J050B
Description  Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1C20C0G222J050B Datasheet(HTML) 1 Page - Vishay Siliconix

  1C20C0G222J050B Datasheet HTML 1Page - Vishay Siliconix 1C20C0G222J050B Datasheet HTML 2Page - Vishay Siliconix 1C20C0G222J050B Datasheet HTML 3Page - Vishay Siliconix 1C20C0G222J050B Datasheet HTML 4Page - Vishay Siliconix 1C20C0G222J050B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
31
Types 1C - 9C
Vishay Sprague
Document Number: 42012
Revision 25-Sep-00
FEATURES
• EIA characteristics C0G, X7R, Z5U
• Capacitance range 10pF to 4.7
µF
• Voltage ratings 50 WVDC to 100 WVDC
• Wide choice of lead spacing
DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters]
T Max.
Lead Space
± .031 [.787]
H
Max.
SH
Max.
W
Max.
LEAD SPACING (S)
.40 [10.16]
X
X
X
HOW TO ORDER
1C
TYPE
See Dimensional
Configurations.
10
LEAD SPACING CODE
M
CAPACITANCE
TOLERANCE
See Dimensional
Configurations.
104
CAPACITANCE
CODE
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
050
DC VOLTAGE RATING
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating.
B
LEAD LENGTH*
EIA
CODE
J
K
M
TEMPERATURE
RANGE
+ 10
°C to + 85°C
- 55
°C to + 125°C
- 55
°C to + 125°C
MAX. CAP. CHANGE
OVER TEMP. RANGE
- 56%, + 22%
± 15%
0
± 30PPM/°C
CODE
Z5U
X7R
C0G
AVAILABLE IN
EIA CHARACTERISTIC
C0G
X7R
Z5U
TOLERANCE
± 5%
± 10%
± 20%
Z5U
EIA TEMPERATURE
CHARACTERISTIC
TYPE
9C
1C
2C
3C
5C
W
(Max.)
.138
[3.505]
.200
[5.080]
.300
[7.620]
.400
[10.160]
.500
[12.700]
H
(Max.)
.120
[3.048]
.250
[6.350]
.300
[7.620]
.400
[10.160]
.500
[12.700]
T
(Max.)
.100
[2.540]
.125
[3.175]
.157
[3.988]
.157
[3.988]
.200
[5.080]
AWG NO.
26
24
24
24
24
DIA.
.016
[.406]
.020
[.508]
.020
[.508]
.020
[.508]
.020
[.508]
LEAD SIZE
.10 [2.54]
X
X
.20 [5.08]
X
X
X
X
.25 [6.35]
X
X
X
X
.30 [7.62]
X
X
X
X
.37 [9.40]
X
X
X
B = Bulk
R = Tape and
Reel
* 1.0 [25.4]
minimum lead
length.
Drawing for dimensional purposes only. Exact outline and lead form may vary depending on size and lead spacing.
Ceramic Capacitors
Monolythic®, Conformal-Coated, Radial Lead


Similar Part No. - 1C20C0G222J050B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1C20C0G104J050B ETC-1C20C0G104J050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
1C20C0G104J050R ETC-1C20C0G104J050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
1C20C0G104K050B ETC-1C20C0G104K050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
1C20C0G104K050R ETC-1C20C0G104K050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
1C20C0G104M050B ETC-1C20C0G104M050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
More results

Similar Description - 1C20C0G222J050B

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com