Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515D159M010FV6AE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 515D159M010FV6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D159M010FV6AE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  515D159M010FV6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D159M010FV6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
3
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The ammo pack code is to be added at the end of part number in the 14th and 15th position as 8P. To specify formed, cut or snap-in leads
and for tape and ammo, both positions 14 and 15 of the type number must be filled in with the proper codes.
(1) Except 0.394 [10.0 mm] and 0.492 [12.5 mm] diameter have straight unformed leads.
TAPING SPECIFICATIONS in inches [millimeters]
TAPED CAPACITORS FOR AUTOMATIC INSERTION SYSTEMS in inches [millimeters]
PACKAGING
LEAD CODE
14th AND 15th
DIGITS OF PN
SPECIFICATION
LEAD
SPACE
CAPACITOR SIZES AVAILABLE
LEAD STYLE
+-
LEADER
Ammo pack
8P
Formed lead (1)
-
0.197 [5.0]
0.157 x 0.276 - 0.492 x 0.787 [4.0 x 7.0 - 12.5 x 20.0]
Case codes HW, JW, AW, JA, AA, BB, CC, CD, DG
DIMENSIONS in inches [millimeters]
ITEM
CASE SIZE
(Diameter x Length)
FORMED LEAD TYPE
STRAIGHT LEAD TYPE
0.157 x 0.276
[4.0 x 7.0]
0.197 x 0.276
[5.0 x 7.0]
0.197 x 0.433
[5.0 x 11.0]
0.248 x 0.276
[6.3 x 7.0]
0.248 x 0.433
[6.3 x 11.0]
0.315 x 0.453
[8.0 x 11.5]
0.394 [10.0]
(Dia.)
0.492 [12.5]
(Dia.)
Ø d - Lead-wire diameter
0.018 [0.45]
0.018 [0.45]
0.020 [0.5]
0.018 [0.45]
0.020 [0.5]
0.024 [0.6]
0.024 [0.6]
0.024 [0.6]
P - Pitch of component
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.591 [15.0]
P0 - Feed hole pitch
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.591 [15.0]
F - Lead-to-lead distance
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
K - Clinch height
0.059 [1.5]
0.059 [1.5]
0.098 [2.5]
0.059 [1.5]
0.098 [2.5]
0.157 [4.0]
-
-
H - Height of component
0.689 [17.5]
0.689 [17.5]
0.728 [18.5]
0.689 [17.5]
0.728 [18.5]
0.787 [20.0]
0.728 [18.5]
0.630 [16.0]
H0 - Lead-wire clinch height
0.630 [16.0]
0.630 [16.0]
0.630 [16.0]
0.630 [16.0]
0.630 [16.0]
0.630 [16.0]
-
-
W - Tape width
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
W0 - Hold down tape width
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
D0 - Feed hole diameter
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
t - Total tape thickness
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
P
0
H
F
P
K
H
0
0
WW
D0
t
Ø d
Formed Lead Type


Similar Part No. - 515D159M010FV6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D159M010FV6AE3 VISHAY-515D159M010FV6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D159M010FV6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com