Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C36-G Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AZ23C36-G
Description  Small Signal Zener Diodes, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23C36-G Datasheet(HTML) 4 Page - Vishay Siliconix

  AZ23C36-G Datasheet HTML 1Page - Vishay Siliconix AZ23C36-G Datasheet HTML 2Page - Vishay Siliconix AZ23C36-G Datasheet HTML 3Page - Vishay Siliconix AZ23C36-G Datasheet HTML 4Page - Vishay Siliconix AZ23C36-G Datasheet HTML 5Page - Vishay Siliconix AZ23C36-G Datasheet HTML 6Page - Vishay Siliconix AZ23C36-G Datasheet HTML 7Page - Vishay Siliconix AZ23C36-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AZ23-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 08-Feb-13
4
Document Number: 85867
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Characteristics
Fig. 2 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Thermal Differential Resistance vs. Zener Voltage
Fig. 5 - Dynamic Resistance vs. Zener Voltage
Fig. 6 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
18114
mA
103
102
10-1
10-2
10-3
10-4
10-5
10
1
I
F
V
F
0
0.2
0.4
0.6
0.8
1V
T
J = 100 °C
T
J = 25 °C
18115
mW
400
100
0
300
200
P
tot
T
amb
0
100
200 °C
500
18120
103
7
5
4
3
2
7
5
4
3
2
10
Ω
0.1
23
4 5
23
4 5
110
mA
R
zj
I
Z
T
j = 25 °C
47 + 51
43
39
36
102
18121
103
5
4
3
2
5
4
3
2
102
1
R
zth
5
4
3
2
10
Ω
1
23
4 5
23
4 5
10
100 V
V
Z at IZ = 5 mA
negative
positive
Δ
Δ
V
Z
T
j
R
zth = RthA x VZ x
18122
100
7
5
4
3
2
7
5
4
3
2
1
Ω
R
zj
10
T
j = 25 °C
I
Z = 5 mA
1
23
4
5
23
4
5
10
100 V
V
Z
18123
Δ
25
20
15
10
5
0
- 5
mV/°C
Δ
V
Z
T
j
1
23
4
5
23
4
5
10
100 V
V
Z
5 mA
1 mA
20 mA
I
Z =


Similar Part No. - AZ23C36-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C36-G VISHAY-AZ23C36-G Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C36-G VISHAY-AZ23C36-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results

Similar Description - AZ23C36-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com