Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4200 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RC4200
Description  Analog Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4200 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RC4200 Datasheet HTML 1Page - Fairchild Semiconductor RC4200 Datasheet HTML 2Page - Fairchild Semiconductor RC4200 Datasheet HTML 3Page - Fairchild Semiconductor RC4200 Datasheet HTML 4Page - Fairchild Semiconductor RC4200 Datasheet HTML 5Page - Fairchild Semiconductor RC4200 Datasheet HTML 6Page - Fairchild Semiconductor RC4200 Datasheet HTML 7Page - Fairchild Semiconductor RC4200 Datasheet HTML 8Page - Fairchild Semiconductor RC4200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.fairchildsemi.com
REV. 1.2.1 6/14/01
Features
• High accuracy
• Nonlinearity – 0.1%
Temperature coefficient – 0.005%/°C
• Multiple functions
• Multiply, divide, square, square root, RMS-to-DC
conversion, AGC and modulate/demodulate
• Wide bandwidth – 4 MHz
• Signal-to-noise ratio – 94 dB
Applications
• Low distortion audio modulation circuits
• Voltage-controlled active filters
• Precision oscillators
Description
The RC4200 analog multiplier has complete compensation
for nonlinearity, the primary source of error and distortion.
This multiplier also has three onboard operational amplifiers
designed specifically for use in multiplier logging circuits.
These amplifiers are frequency compensated for optimum
AC response in a logging circuit, the heart of a multiplier,
and can therefore provide superior AC response.
The RC4200 can be used in a wide variety of applications
without sacrificing accuracy. Four-quadrant multiplication,
two-quadrant division, square rooting, squaring and RMS
conversion can all be easily implemented with predictable
accuracy. The nonlinearity compensation is not just trimmed
at a single temperature, it is designed to provide compensa-
tion over the full temperature range. This nonlinearity
compensation combined with the low gain and offset drift
inherent in a well-designed monolithic chip provides a very
high accuracy and a low temperature coefficient.
Block Diagram
65-4200-01
RC4200
I2
+
+
+
I3
VOS2
VOS1
Q3
Q4
I4
I1
Q1
Q2
RC4200
Analog Multiplier


Similar Part No. - RC4200

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD RAYTHEON-RC4277AD Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD/883B RAYTHEON-RC4277AD/883B Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277ED RAYTHEON-RC4277ED Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277EN RAYTHEON-RC4277EN Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results

Similar Description - RC4200

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com