Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

564R30TST68 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 564R30TST68
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R30TST68 Datasheet(HTML) 3 Page - Vishay Siliconix

  564R30TST68 Datasheet HTML 1Page - Vishay Siliconix 564R30TST68 Datasheet HTML 2Page - Vishay Siliconix 564R30TST68 Datasheet HTML 3Page - Vishay Siliconix 564R30TST68 Datasheet HTML 4Page - Vishay Siliconix 564R30TST68 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 24-Apr-13
3
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION, CERAMIC 3 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
U2J (N750)
10
± 20
0.330 (8.4)
0.210 (5.3)
0.250 (6.4)
20
0.032 (0.81)
564R30GAQ10
12
0.210 (5.3)
564R30GAQ12
15
0.180 (4.6)
564R30GAQ15
R3L (N2200)
22
± 20
0.330 (8.4)
0.200 (5.1)
0.250 (6.4)
20
0.032 (0.81)
564R30GAQ22
27
0.190 (4.8)
564R30GAQ27
33
0.170 (4.3)
564R30GAQ33
X7R
47
± 20
0.330 (8.4)
0.230 (5.8)
0.250 (6.4)
20
0.032 (0.81)
564R30GAQ47
56
0.190 (4.8)
564R30GAQ56
68
0.200 (5.1)
564R30GAQ68
100
0.180 (4.6)
564R30GAT10
150
0.190 (4.8)
564R30GAT15
220
0.175 (4.4)
564R30GAT22
270
0.180 (4.6)
564R30GAT27
330
0.175 (4.4)
564R30GAT33
390
564R30GAT39
470
564R30GAT47
680
± 10
0.180 (4.6)
564R30TST68
1000
0.400 (10.2)
0.175 (4.4)
564R30TSD10
1500
0.490 (12.5)
0.185 (4.7)
564R30TSD15
1800
0.530 (13.5)
564R30TSD18
2200
0.180 (4.6)
564R30TSD22
2700
0.620 (15.7)
0.185 (4.7)
564R30TSD27
3300
0.170 (4.3)
0.375 (9.5)
564R30TSD33
3900
0.720 (18.3)
0.185 (4.7)
564R30TSD39
4700
0.175 (4.4)
564R30TSD47
6800
0.900 (22.9)
0.185 (4.7)
564R30TSD68
Y5S
1000
± 20
0.400 (10.2)
0.190 (4.8)
0.250 (6.4)
20
0.032 (0.81)
564R30TSSD10
1500
0.460 (11.7)
564R30TSSD15
1800
0.490 (12.4)
564R30TSSD18
2200
0.530 (13.5)
564R30TSSD22
2700
0.560 (14.2)
0.185 (4.7)
564R30TSSD27
3300
0.620 (15.7)
0.375 (9.5)
564R30TSSD33
3900
0.680 (17.3)
564R30TSSD39
4700
564R30TSSD47
5600
0.790 (20.0)
0.190 (4.8)
564R30TSSD56
6800
0.900 (22.9)
0.205 (5.2)
564R30TSSD68
Y5U
680
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
20
0.032 (0.81)
564R30GAT68
Z5U
1000
± 20
0.330 (8.4)
0.195 (5.0)
0.250 (6.4)
20
0.032 (0.81)
564R30GAD10
1500
0.360 (9.1)
0.190 (4.8)
564R30GAD15
1800
0.400 (10.2)
564R30GAD18
2200
0.430 (10.9)
564R30GAD22
2700
0.460 (11.7)
0.200 (5.1)
564R30GAD27
3300
0.490 (12.4)
0.185 (4.7)
564R30GAD33
3900
0.530 (13.5)
0.375 (9.5)
564R30GAD39
4700
0.620 (15.7)
0.195 (5.0)
564R30GAD47
6800
0.680 (17.3)
0.185 (4.7)
564R30GAD68
8200
564R30GAD82
0.010 μF
0.720 (18.3)
564R30GAS10
0.020 μF
0.720 (18.3)
0.265 (6.7)
22
0.025 (0.64)
565R30GASS20
0.033 μF
0.900 (22.9)
0.240 (6.1)
22
0.025 (0.64)
565R30GASS33
Y5V
0.010 μF
± 20
0.720 (18.3)
0.185 (4.7)
0.375 (9.5)
20
0.032 (0.81)
564R30GASS10


Similar Part No. - 564R30TST68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R30TST68 VISHAY-564R30TST68 Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R30TST68 VISHAY-564R30TST68 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
More results

Similar Description - 564R30TST68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors
Revision: 08-Oct-13
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors
Revision: 15-Feb-13
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com