Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4156M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RC4156M
Description  High Performance Quad Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4156M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button RC4156M Datasheet HTML 3Page - Fairchild Semiconductor RC4156M Datasheet HTML 4Page - Fairchild Semiconductor RC4156M Datasheet HTML 5Page - Fairchild Semiconductor RC4156M Datasheet HTML 6Page - Fairchild Semiconductor RC4156M Datasheet HTML 7Page - Fairchild Semiconductor RC4156M Datasheet HTML 8Page - Fairchild Semiconductor RC4156M Datasheet HTML 9Page - Fairchild Semiconductor RC4156M Datasheet HTML 10Page - Fairchild Semiconductor RC4156M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RC4156/RC4157
PRODUCT SPECIFICATION
REV. 1.0.1 6/13/01
7
Active Filters
The introduction of low-cost quad op amps has had a strong
impact on active filter design. The complex multiple-
feedback, single op amp filter circuits have been rendered
obsolete for most applications. State-variable active-filter
circuits using three to four op amps per section offer many
advantages over the single op amp circuits. They are rela-
tively insensitive to the passive-component tolerances and
variations. The Q, gain, and natural frequency can be inde-
pendently adjusted. Hybrid construction is very practical
because resistor and capacitor values are relatively low and
the filter parameters are determined by resistance ratios
rather than by single resistors. A generalized circuit diagram
of the 2-pole state-variable active filter is shown in Figure
15. The particular input connections and component-values
can be calculated for specific applications. An important fea-
ture of the state-variable filter is that it can be inverting or
non-inverting and can simultaneously provide three outputs:
lowpass, bandpass, and highpass. A notch filter can be real-
ized by adding one summing op amp.
The RC4156 was designed and characterized for use in
active filter circuits. Frequency response is fully specified
with minimum values for unity-gain bandwidth, slew-rate,
and full-power response. Maximum noise is specified.
Output swing is excellent with no distortion or clipping. The
RC4156 provides full, undistorted response up to 20 kHz
and is ideal for use in high-performance audio and telecom-
munication equipment.
In the state-variable filter circuit, one amplifier performs a
summing function and the other two act as integrators. The
choice of passive component values is arbitrary, but must be
consistent with the amplifier operating range and input signal
Figure 13. Triangle and Square Wave Generator
Figure 14. Triangle Generator—Symmetrical Output Option
+15V
30K
1K
V
0.12V
~
~
R
Square Wave
Output
R0
4156/57
A
R1
4156/57
D
V3
Output
Offset
1K
Integrator
5K
5K
R3
20K
R4
1K
20K
+15V
-15V
V4
Triangle
Wave
Output
(+)
-12V
+12V
C0
V2
10K
100K
20K
5K
R2
20K
V1
Comparator
65-0750
Amplitude
Adjust
+15V
-15V
* Optional – asymmetric ramp slopes
10
9
4
8
11
7
6
5
1
3
2
12
13
14
4156/57
C
4156/57
B
*
R1
10K
65-2051


Similar Part No. - RC4156M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - RC4156M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
   18V High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com