Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515D335M050JA6AE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 515D335M050JA6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D335M050JA6AE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  515D335M050JA6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D335M050JA6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
7
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
200 WVDC AT + 85 °C, SURGE = 250 V
0.47
515D474M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.20
1.0
515D105M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.20
2.2
515D225M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
26.0
0.20
3.3
515D335M200BB6AE3
0.315 x 0.453 [8.0 x 11.5]
35.0
0.20
4.7
515D475M200CC6AE3
0.394 x 0.492 [10.0 x 12.5]
45.0
0.20
10.0
515D106M200CD6AE3
0.394 x 0.630 [10.0 x 16.0]
70.0
0.20
22.0
515D226M200CG6AE3
0.394 x 0.787 [10.0 x 20.0]
110.0
0.20
33.0
515D336M200DK6AE3
0.492 x 0.984 [12.5 x 25.0]
160.0
0.20
47.0
515D476M200DK6AE3
0.492 x 0.984 [12.5 x 25.0]
180.0
0.20
100.0
515D107M200EN6AE3
0.630 x 1.240 [16.0 x 31.5]
330.0
0.20
220.0
515D227M200FV6AE3
0.709 x 1.575 [18.0 x 40.0]
520.0
0.20
250 WVDC AT + 85 °C, SURGE = 300 V
0.47
515D474M250AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.20
1.0
515D105M250AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.20
2.2
515D225M250BB6AE3
0.315 x 0.453 [8.0 x 11.5]
30.0
0.20
3.3
515D335M250CC6AE3
0.394 x 0.492 [10.0 x 12.5]
35.0
0.20
4.7
515D475M250CC6AE3
0.394 x 0.492 [10.0 x 12.5]
45.0
0.20
10.0
515D106M250CG6AE3
0.394 x 0.787 [10.0 x 20.0]
70.0
0.20
33.0
515D336M250DK6AE3
0.492 x 0.984 [12.5 x 25.0]
160.0
0.20
47.0
515D476M250EK6AE3
0.630 x 1.240 [16.0 x 31.5]
210.0
0.20
100.0
515D107M250FR6AE3
0.709 x 1.575 [18.0 x 40.0]
340.0
0.20
315 WVDC AT + 85 °C, SURGE = 365 V
1.0
515D105M315AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.20
2.2
515D225M315BB6AE3
0.315 x 0.453 [8.0 x 11.5]
30.0
0.20
3.3
515D335M315CC6AE3
0.394 x 0.492 [10.0 x 12.5]
35.0
0.20
4.7
515D475M315CD6AE3
0.394 x 0.630 [10.0 x 16.0]
45.0
0.20
10.0
515D106M315CG6AE3
0.394 x 0.787 [10.0 x 20.0]
70.0
0.20
22.0
515D226M315DK6AE3
0.492 x 0.984 [12.5 x 25.0]
120.0
0.20
33.0
515D336M315EK6AE3
0.630 x 0.984 [16.0 x 25.0]
150.0
0.20
47.0
515D476M315EN6AE3
0.630 x 1.240 [16.0 x 31.5]
190.0
0.20
100.0
515D107M315FV6AE3
0.709 x 1.575 [18.0 x 40.0]
340.0
0.20
350 WVDC AT + 85 °C, SURGE = 400 V
1.0
515D105M350BB6AE3
0.315 x .453 [8.0 x 11.5]
18.0
0.25
2.2
515D225M350CC6AE3
0.394 x 0.492 [10.0 x 12.5]
28.0
0.25
3.3
515D335M350CD6AE3
0.394 x 0.630 [10.0 x 16.0]
35.0
0.25
4.7
515D475M350CD6AE3
0.394 x 0.630 [10.0 x 16.0]
40.0
0.25
10.0
515D106M350DG6AE3
0.492 x 0.787 [12.5 x 20.0]
70.0
0.25
22.0
515D226M350DK6AE3
0.492 x 0.984 [12.5 x 25.0]
110.0
0.25
33.0
515D336M350EN6AE3
0.630 x 1.240 [16.0 x 31.5]
140.0
0.25
47.0
515D476M350FR6AE3
0.709 x 1.398 [18.0 x 35.5]
220.0
0.25
400 WVDC AT + 85 °C, SURGE = 450 V
1.0
515D105M400BB6AE3
0.315 x 0.453 [8.0 x 11.5]
18.0
0.25
2.2
515D225M400CC6AE3
0.394 x 0.492 [10.0 x 12.5]
28.0
0.25
3.3
515D335M400CD6AE3
0.394 x 0.630 [10.0 x 16.0]
35.0
0.25
4.7
515D475M400CD6AE3
0.394 x 0.787 [10.0 x 20.0]
45.0
0.25
10.0
515D106M400DG6AE3
0.492 x 0.787 [12.5 x 20.0]
70.0
0.25
22.0
515D226M400DK6AE3
0.630 x 0.984 [16.0 x 25.0]
110.0
0.25
33.0
515D336M400EN6AE3
0.630 x 1.240 [16.0 x 31.5]
140.0
0.25
47.0
515D476M400FR6AE3
0.709 x 1.398 [18.0 x 35.5]
220.0
0.25
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. RIPPLE
AT + 85 °C
120 Hz (mA)
MAX. DF
AT + 20 °C
120 Hz


Similar Part No. - 515D335M050JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D335M050JA6AE3 VISHAY-515D335M050JA6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D335M050JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com