Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG333ADQ-T1-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG333ADQ-T1-E3
Description  Precision Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333ADQ-T1-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG333ADQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG333ADQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E1
Q1
A
L
A1
e1
B
B1
S
C
eA
D
15
°
MAX
E
A
1
23456789
10
20
19
18
17
16
15
14
13
12
11
Package Information
Vishay Siliconix
Document Number: 71262
06-Jul-01
www.vishay.com
1
PDIP: 20LEAD
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
3.81
5.08
0.150
0.200
A1
0.38
1.27
0.015
0.050
B
0.38
0.51
0.015
0.020
B1
0.89
1.65
0.035
0.065
C
0.20
0.30
0.008
0.012
D
24.89
26.92
0.980
1.060
E
7.62
8.26
0.300
0.325
E1
5.59
7.11
0.220
0.280
e1
2.29
2.79
0.090
0.110
eA
7.37
7.87
0.290
0.310
L
3.175
3.81
0.123
0.150
Q1
1.27
2.03
0.050
0.080
S
1.02
2.03
0.040
0.080
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5484


Similar Part No. - DG333ADQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADJ VISHAY-DG333ADJ Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADJ VISHAY-DG333ADJ Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
DG333ADW VISHAY-DG333ADW Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW VISHAY-DG333ADW Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results

Similar Description - DG333ADQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com