Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG407DW-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG407DW-E3
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG407DW-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG407DW-E3 Datasheet HTML 1Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 2Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 3Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 4Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 5Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 6Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 7Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 8Page - Vishay Siliconix DG407DW-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number: 70061
S11-0179-Rev. J, 07-Feb-11
Vishay Siliconix
DG406, DG407
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0” = VAL 0.8 V
Logic “1” = VAH 2.4 V
X = Do not Care
Decoders/Drivers
7
8
9
5
20
19
21
22
23
24
25
1
2
3
4
10
11
12 13 14 15 16 17 18
26
27
28
Top View
6
PLCC and LCC
S13
S15
S5
S12
S4
S7
S11
S14
S6
S3
S10
S2
S9
S1
DG406
S7b
S5a
S4b
S4a
S7a
S3b
S6b
S6a
S3a
S5b
S2b
S2a
S1b
S1a
PLCC and LCC
Top View
DG407
Decoders/Drivers
7
8
9
5
20
19
21
22
23
24
25
1
2
3
4
10
11
12 13 14 15 16 17 18
26
27
28
6
TRUTH TABLE (DG406)
A3
A2
A1
A0
EN
On Switch
X
X
X
X
0
None
0
0
0
0
1
1
0
0
0
1
1
2
0
0
1
0
1
3
0
0
1
1
1
4
0
1
0
0
1
5
0
1
0
1
1
6
0
1
1
0
1
7
0
1
1
1
1
8
1
0
0
0
1
9
1
0
0
1
1
10
1
0
1
0
1
11
1
0
1
1
1
12
1
1
0
0
1
13
1
1
0
1
1
14
1
1
1
0
1
15
1
1
1
1
1
16
TRUTH TABLE (DG407)
A2
A1
A0
EN
On Switch Pair
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
ORDERING INFORMATION (DG406)
Temp. Range
Package
Part Number
- 40 °C to 85 °C
28-Pin Plastic DIP
DG406DJ
DG406DJ-E3
28-Pin PLCC
DG406DN
DG406DN-T1-E3
28-Pin Widebody SOIC
DG406DW
DG406DW-E3
ORDERING INFORMATION (DG407)
Temp. Range
Package
Part Number
- 40 °C to 85 °C
28-Pin Plastic DIP
DG407DJ
DG407DJ-E3
28-Pin PLCC
DG407DN
DG407DN-T1-E3
28-Pin Widebody SOIC
DG407DW
DG407DW-E3


Similar Part No. - DG407DW-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG407DW-E3 VISHAY-DG407DW-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results

Similar Description - DG407DW-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com