Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-21DQ04TB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-21DQ04TB
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-21DQ04TB Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-21DQ04TB Datasheet HTML 1Page - Vishay Siliconix VS-21DQ04TB Datasheet HTML 2Page - Vishay Siliconix VS-21DQ04TB Datasheet HTML 3Page - Vishay Siliconix VS-21DQ04TB Datasheet HTML 4Page - Vishay Siliconix VS-21DQ04TB Datasheet HTML 5Page - Vishay Siliconix VS-21DQ04TB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-21DQ04, VS-21DQ04-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
4
Document Number: 93279
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-21DQ04
1000
1000
Bulk
VS-21DQ04TR
5000
5000
Tape and Reel
VS-21DQ04TB
3000
3000
Tape and ammo box
VS-21DQ04-M3
1000
1000
Bulk
VS-21DQ04TR-M3
5000
5000
Tape and Reel
VS-21DQ04TB-M3
3000
3000
Tape and ammo box
1
-
21 = Current Rating 2 A
2
-
D = DO-41 package
3
-
Q = Schottky Q.. series
4
-
04 = Voltage rating: 40 V
5
-
TR = Tape and reel package
TB = Tape and ammo box package
None = Bulk package
Device code
6
2
4
3
5
21
D
Q
04
TR
VS-
-M3
1
7
-
Vishay Semiconductors product
None = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free
-
Environmental digit
6
7
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95241
Part marking information
www.vishay.com/doc?95304
Packaging information
www.vishay.com/doc?95338


Similar Part No. - VS-21DQ04TB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
122Kb / 7P
   Schottky Rectifier
Revision: 21-Sep-11
VS-21DQ04-M3 VISHAY-VS-21DQ04-M3 Datasheet
122Kb / 7P
   Schottky Rectifier
Revision: 21-Sep-11
VS-21DQ04 VISHAY-VS-21DQ04_15 Datasheet
122Kb / 7P
   Schottky Rectifier
Revision: 21-Sep-11
More results

Similar Description - VS-21DQ04TB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04_12 Datasheet
123Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 A
Revision: 12-Oct-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com