Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC5054 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RC5054
Description  Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5054 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button RC5054 Datasheet HTML 2Page - Fairchild Semiconductor RC5054 Datasheet HTML 3Page - Fairchild Semiconductor RC5054 Datasheet HTML 4Page - Fairchild Semiconductor RC5054 Datasheet HTML 5Page - Fairchild Semiconductor RC5054 Datasheet HTML 6Page - Fairchild Semiconductor RC5054 Datasheet HTML 7Page - Fairchild Semiconductor RC5054 Datasheet HTML 8Page - Fairchild Semiconductor RC5054 Datasheet HTML 9Page - Fairchild Semiconductor RC5054 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RC5054A
PRODUCT SPECIFICATION
6
Table 1. Output Voltage Table
Note:
1. 0 = connected to GND or VSS, 1 = OPEN
PIN NAME
NOMINAL
OUTPUT
VOLTAGE
PIN NAME
NOMINAL
OUTPUT
VOLTAGE
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
01111
1.30
11111
SHDN
01110
1.35
11110
2.1
01101
1.40
11101
2.2
01100
1.45
11100
2.3
01011
1.50
11011
2.4
01010
1.55
11010
2.5
01001
1.60
11001
2.6
01000
1.65
11000
2.7
00111
1.70
10111
2.8
00110
1.75
10110
2.9
00101
1.80
10101
3.0
00100
1.85
10100
3.1
00011
1.90
10011
3.2
00010
1.95
10010
3.3
00001
2.00
10001
3.4
00000
2.05
10000
3.5
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection.’
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the pres-
ence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a RC5054A converter is programmed
to discrete levels between 1.3VDC and 3.5VDC . The voltage
identification (VID) pins program an internal voltage refer-
ence (DACOUT) with a 5-bit digital-to-analog converter
(DAC). The level of DACOUT also sets the PGOOD and
OVP thresholds. Table 1 specifies the DACOUT voltage for
the 32 combinations of open or short connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
during operation could toggle the PGOOD signal and exer-
cise the overvoltage protection.
Grounding any combination of the VID pins increases the
DACOUT voltage.


Similar Part No. - RC5054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
More results

Similar Description - RC5054

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com