Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831 Datasheet(PDF) 5 Page - Analog Devices

Part # AD831
Description  Low Distortion Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831 Datasheet(HTML) 5 Page - Analog Devices

  AD831 Datasheet HTML 1Page - Analog Devices AD831 Datasheet HTML 2Page - Analog Devices AD831 Datasheet HTML 3Page - Analog Devices AD831 Datasheet HTML 4Page - Analog Devices AD831 Datasheet HTML 5Page - Analog Devices AD831 Datasheet HTML 6Page - Analog Devices AD831 Datasheet HTML 7Page - Analog Devices AD831 Datasheet HTML 8Page - Analog Devices AD831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–4–
AD831–Typical Performance Characteristics
AD831
–5–
12
10
0
10
1000
100
8
6
4
2
FREQUENCY (MHz)
TPC 7. 1 dB Compression Point vs. Frequency,
Gain = 1
12
10
0
10
1000
100
8
6
4
2
FREQUENCY (MHz)
TPC 8. 1 dB Compression Point vs. RF Input, Gain = 2
��
��
��
��
��
��
���
���
���
���
���
���
���������������������
�����
������������
�����������
��������������������
���������������
TPC 9. Third Order Intercept vs. Frequency,
LO Held Constant at 241 MHz
1.00
0.50
–1.00
0.00
–0.25
–0.75
0.75
0.25
–0.50
10
1000
100
FREQUENCY (MHz)
TPC 10. Gain Error vs. Frequency, Gain = 1
9
8
0
7
6
5
1
4
3
2
10
1000
100
FREQUENCY (MHz)
TPC 11. 1 dB Compression Point vs. Frequency, Gain = 4
11
10
7
0
600
100
200
300
400
500
9
8
LO LEVEL = –10dBm
IF = 10.7MHz
VS = 8V
VS = 9V
FREQUENCY (MHz)
TPC 12. Input 1 dB Compression Point vs.
Frequency, Gain = 1, 9 V Single Supply
REV. C
REV. C


Similar Part No. - AD831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310-EVAL AD-AD8310-EVAL Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
More results

Similar Description - AD831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
logo
Hitachi Semiconductor
HA22039 HITACHI-HA22039 Datasheet
47Kb / 12P
   GaAs IC Low Distortion Mixer for Micro Wave Application
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
   Low distortion
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
   Low Crossover Distortion
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
   LOW INTERMODULATION DISTORTION
logo
M/A-COM Technology Solu...
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
   Low Distortion Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com