Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5203ARU100 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5203ARU100
Description  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203ARU100 Datasheet(HTML) 5 Page - Analog Devices

  AD5203ARU100 Datasheet HTML 1Page - Analog Devices AD5203ARU100 Datasheet HTML 2Page - Analog Devices AD5203ARU100 Datasheet HTML 3Page - Analog Devices AD5203ARU100 Datasheet HTML 4Page - Analog Devices AD5203ARU100 Datasheet HTML 5Page - Analog Devices AD5203ARU100 Datasheet HTML 6Page - Analog Devices AD5203ARU100 Datasheet HTML 7Page - Analog Devices AD5203ARU100 Datasheet HTML 8Page - Analog Devices AD5203ARU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD5203
–5–
REV. 0
Typical Performance Characteristics–
CODE – Decimal
10
0
08
64
16
24
32
40
48
56
9
6
5
3
1
8
7
4
2
VDD = +3V, OR +5V
RAB = 10k
RWB
RWA
Figure 2. Wiper to End Terminal
Resistance vs. Code
WIPER RESISTANCE –
80
60
0
30
31 32
33
34
35
36
37 38
39
40
20
SS = 544 UNITS
VDD = +4.5V
TA = +25 C
Figure 5. Wiper-Contact-Resistance
Histogram
DIGITAL INPUT CODE – Decimal
0.25
–0.25
0
864
16
24
32
40
48
56
0.2
0.05
0
–0.1
–0.2
0.15
0.1
–0.05
–0.15
VDD = +3.0V
TA = +25 C, +85 C, –40 C
Figure 8. Potentiometer Divider
Differential Nonlinearity Error vs.
Code
05H
IWA CURRENT – mA
5
0
0
17
23456
4.5
2
1.5
1
0.5
3.5
2.5
4
3
RAB = 10k
VDD = +5V
TA = +25 C
3FH
20H
10H
08H
02H
Figure 3. Resistance Linearity vs.
Conduction Current
TEMPERATURE – C
12
0
–75 –50
125
–25
0
25
50
75
100
10
8
6
4
2
AD5203-10K VERSION
RAB (END-TO-END)
RWB (WIPER-TO-END)
CODE = 20H
Figure 6. Nominal Resistance vs.
Temperature
CODE – Decimal
50
0
08
64
16
24
32
40
48
56
30
40
20
10
VDD = +3.0V
TA = –40 C/+85 C
VA = +2.0V
VB = 0V
Figure 9.
∆V
WB/
∆T Potentiometer
Mode Tempco
DIGITAL INPUT CODE – Decimal
0.25
–0.25
08
64
16
24
32
40
48
56
0.2
0.05
0
–0.1
–0.2
0.15
0.1
–0.05
–0.15
VDD = +3.0V
TA = –55 C
TA = +85 C
TA = +25 C
Figure 4. Resistance Step Position
Nonlinearity Error vs. Code
DIGITAL INPUT CODE – Decimal
0.25
–0.25
08
64
16
24
32
40
48
56
0.2
0.05
0
–0.1
–0.2
0.15
0.1
–0.05
–0.15
–55 C
+85 C
+25 C
VDD = +3.0V
Figure 7. Potentiometer Divider
Nonlinearity Error vs. Code
CODE – Decimal
120
0
08
64
16
24
32
40
48
56
80
100
60
40
20
VDD = +3.0V
TA = –40 C/+85 C
VA = NO CONNECT
RWB MEASURED
Figure 10.
∆R
WB/
∆T Rheostat Mode
Tempco


Similar Part No. - AD5203ARU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203ARU100 AD-AD5203ARU100 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

Similar Description - AD5203ARU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com