Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84B39-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX84B39-V
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84B39-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX84B39-V Datasheet HTML 1Page - Vishay Siliconix BZX84B39-V Datasheet HTML 2Page - Vishay Siliconix BZX84B39-V Datasheet HTML 3Page - Vishay Siliconix BZX84B39-V Datasheet HTML 4Page - Vishay Siliconix BZX84B39-V Datasheet HTML 5Page - Vishay Siliconix BZX84B39-V Datasheet HTML 6Page - Vishay Siliconix BZX84B39-V Datasheet HTML 7Page - Vishay Siliconix BZX84B39-V Datasheet HTML 8Page - Vishay Siliconix BZX84B39-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BZX84-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-Dec-11
2
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX84C2V4-V
Z11
2.2
2.4
2.6
5
1
50
1
100
275
- 9
- 4
BZX84C2V7-V
Z12
2.5
2.7
2.9
5
1
20
1
100
600
- 9
- 4
BZX84C3V0-V
Z13
2.8
3.0
3.2
5
1
10
1
95
600
- 9
- 3
BZX84C3V3-V
Z14
3.1
3.3
3.5
5
1
5
1
95
600
- 8
- 3
BZX84C3V6-V
Z15
3.4
3.6
3.8
5
1
5
1
90
600
- 8
- 3
BZX84C3V9-V
Z16
3.7
3.9
4.1
5
1
3
1
90
600
- 7
- 3
BZX84C4V3-V
Z17
4.0
4.3
4.6
5
1
3
1
90
600
- 6
- 1
BZX84C4V7-V
Z1
4.4
4.7
5.0
5
1
3
2
80
500
- 5
2
BZX84C5V1-V
Z2
4.8
5.1
5.4
5
1
2
2
60
480
- 3
4
BZX84C5V6-V
Z3
5.2
5.6
6.0
5
1
1
2
40
400
- 2
6
BZX84C6V2-V
Z4
5.8
6.2
6.6
5
1
3
4
10
150
- 1
7
BZX84C6V8-V
Z5
6.4
6.8
7.2
5
1
2
4
15
80
2
7
BZX84C7V5-V
Z6
7.0
7.5
7.9
5
1
1
5
15
80
3
7
BZX84C8V2-V
Z7
7.7
8.2
8.7
5
1
0.7
5
15
80
4
7
BZX84C9V1-V
Z8
8.5
9.1
9.6
5
1
0.5
6
15
100
5
8
BZX84C10-V
Z9
9.4
10
10.6
5
1
0.2
7
20
150
5
8
BZX84C11-V
Y1
10.4
11
11.6
5
1
0.1
8
20
150
5
9
BZX84C12-V
Y2
11.4
12
12.7
5
1
0.1
8
25
150
6
9
BZX84C13-V
Y3
12.4
13
14.1
5
1
0.1
8
30
170
7
9
BZX84C15-V
Y4
13.8
15
15.6
5
1
0.05
10.5
30
200
7
9
BZX84C16-V
Y5
15.3
16
17.1
5
1
0.05
11.2
40
200
8
9.5
BZX84C18-V
Y6
16.8
18
19.1
5
1
0.05
12.6
45
225
8
9.5
BZX84C20-V
Y7
18.8
20
21.2
5
1
0.05
14.0
55
225
8
10
BZX84C22-V
Y8
20.8
22
23.3
5
1
0.05
15.4
55
250
8
10
BZX84C24-V
Y9
22.8
24
25.6
5
1
0.05
16.8
70
250
8
10
BZX84C27-V
Y10
25.1
27
28.9
2
0.5
0.05
18.9
80
300
8
10
BZX84C30-V
Y11
28
30
32
2
0.5
0.05
21.0
80
300
8
10
BZX84C33-V
Y12
31
33
35
2
0.5
0.05
23.1
80
325
8
10
BZX84C36-V
Y13
34
36
38
2
0.5
0.05
25.2
90
350
8
10
BZX84C39-V
Y14
37
39
41
2
0.5
0.05
27.3
130
350
10
12
BZX84C43-V
Y15
40
43
46
2
0.5
0.05
30.1
150
375
10
12
BZX84C47-V
Y16
44
47
50
2
0.5
0.05
32.9
170
375
10
12
BZX84C51-V
Y17
48
51
54
2
0.5
0.05
35.7
180
400
10
12
BZX84C56-V
Y18
52
56
60
2
0.5
0.05
39.2
200
425
9
11
BZX84C62-V
Y19
58
62
66
2
0.5
0.05
43.4
215
450
9
12
BZX84C68-V
Y20
64
68
72
2
0.5
0.05
47.6
240
475
10
12
BZX84C75-V
Y21
70
75
79
2
0.5
0.05
52.5
255
500
10
12


Similar Part No. - BZX84B39-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84B39-V VISHAY-BZX84B39-V Datasheet
452Kb / 10P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84B39-V VISHAY-BZX84B39-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84B39-V VISHAY-BZX84B39-V Datasheet
247Kb / 11P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84B39-V-G VISHAY-BZX84B39-V-G Datasheet
118Kb / 8P
   Small Signal Zener Diodes
Rev. 1.1, 29-Sep-11
More results

Similar Description - BZX84B39-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com