Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5504BRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD5504BRUZ
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5504BRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5504BRUZ Datasheet HTML 5Page - Analog Devices AD5504BRUZ Datasheet HTML 6Page - Analog Devices AD5504BRUZ Datasheet HTML 7Page - Analog Devices AD5504BRUZ Datasheet HTML 8Page - Analog Devices AD5504BRUZ Datasheet HTML 9Page - Analog Devices AD5504BRUZ Datasheet HTML 10Page - Analog Devices AD5504BRUZ Datasheet HTML 11Page - Analog Devices AD5504BRUZ Datasheet HTML 12Page - Analog Devices AD5504BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
SYNC
SCLK
SDI
AGND
DGND
SDO
CLR
LDAC
16
15
14
13
12
11
10
9
ALARM
VDD
R_SEL
VOUTC
VOUTD
VOUTB
VOUTA
VLOGIC
TOP VIEW
(Not to Scale)
AD5504
Figure 5. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses are ignored.
When CLR is activated, the input register and the DAC register are set to 0x000 and the outputs to zero scale.
2
SYNC
Falling Edge Synchronization Signal. This is the frame synchronization signal for the input data. When SYNC goes
low, it enables the input shift register and data is transferred in on the rising edges of the following clocks. The
selected DAC register is updated on the 16th falling SCLK, unless SYNC is taken high before this edge, in which case, the
rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the DAC.
3
SCLK
Serial Clock Input. Data is clocked into the input shift register on the rising edge of the serial clock input. Data can
be transferred at rates up to 16 MHz.
4
SDI
Serial Data Input. This part has a 16-bit shift register. Data is clocked into the register on the rising edge of the
serial clock input.
5
SDO
Serial Data Output. CMOS output. This pin serves as the readback function for all DAC and control registers. Data
is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK.
6
DGND
Digital Ground Pin.
7
AGND
Analog Ground Pin.
8
LDAC
Load DAC Input. Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new
data. This allows all DAC outputs to update simultaneously. Alternatively, this pin can be tied permanently low.
9
VOUTD
Buffered Analog Output Voltage from DAC D.
10
VOUTC
Buffered Analog Output Voltage from DAC C.
11
VOUTB
Buffered Analog Output Voltage from DAC B.
12
VOUTA
Buffered Analog Output Voltage from DAC A.
13
R_SEL
Range Select Pin. Tying this pin to DGND selects a DAC output range of 0 V to 60 V, alternatively tying R_SEL to
VLOGIC selects a DAC output range of 0 V to 30 V.
14
VDD
Positive Analog Power Supply. 10 V to 62 V for the specified performance. This pin should be decoupled with 0.1 µF
ceramic capacitors and 10 µF capacitors.
15
ALARM
Active Low CMOS Output Pin. This pin flags an alarm if the temperature on the die exceeds 110°C.
16
VLOGIC
Logic Power Supply; 2.3 V to 5.5 V. Decouple this pin with 0.1µF ceramic capacitors and 10 µF capacitors.


Similar Part No. - AD5504BRUZ

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Microchip Technology
AD55 MICROCHIP-AD55 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Astrodyne Corporation
AD55-A ASTRODYNE-AD55-A Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
AD55-B ASTRODYNE-AD55-B Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
More results

Similar Description - AD5504BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
   Quad, 12-Bit DAC Voltage Output with Readback
REV. D
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com