Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCZ121BCKR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HCZ121BCKR
Description  Ceramic High Voltage Disc Capacitors, Class 2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCZ121BCKR Datasheet(HTML) 1 Page - Vishay Siliconix

  HCZ121BCKR Datasheet HTML 1Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 2Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 3Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 4Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 5Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 6Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 7Page - Vishay Siliconix HCZ121BCKR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ceramic High Voltage Disc Capacitors, Class 2
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22161
30
Revision: 31-Jan-06
H..
Vishay Draloric
Dimensions in mm
COATING:
Epoxy dipped, insulating,
Flame retarding acc. to UL 94V-0
TEMPERATURE CHARACTERISTIC OF CAPACITANCE:
See General Information
TAPING AND SPECIAL LEAD CONFIGURATIONS:
See General Information
MARKING:
Capacitance value
Clear text
Capacitance tolerance
with letter code
Rated voltage
Clear text
Ceramic dielectric
with letter code
HAZ, HBZ, HCZ, HFZ, HGZ series: ’D’
HAE, HCE, HDE, HEE, HFE series: ’E’
HAX, HBX, HCX series: no Letter code
Manufacturers logo
Where D
≥ 13 mm only
COATING
BULK STANDARD
EXTENSION e
LEAD LENGHT L
HA., HB., HC.,
HD., HE., HF.
3 max.
30.0 + 0 - 3
or
HGZ
5 max.
10.0 ± 1
Dmax.
s max.
V ± 0.5
Ø d ± 0.05
F ± 1
DESIGN:
Disc capacitors with epoxy coating
RATED VOLTAGE UR:
HAZ, HAE, HAX
1 kVDC
HBZ, HBE, HBX
2 kVDC
HCZ, HCE, HCX
3 kVDC
HDE
4 kVDC
HEE
5 kVDC
HFZ, HFE
6 kVDC
HGZ
8 kVDC
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test
HAZ, HAE, HAX
1750 kVDC, 2 s
HBZ, HBE, HBX
3000 kVDC, 2 s
HCZ, HCE, HCX
5000 kVDC, 2 s
HDE
6000 kVDC, 2 s
HEE
7500 kVDC, 2 s
HFZ, HFE
9000 kVDC, 2 s
HGZ
12000 kVDC, 2 s
DISSIPATION FACTOR tan
δ:
HA., HB., HC., HD., HE.
≤ 25 • 10-3
HF., HG.
≤ 20 • 10-3
INSULATION RESISTANCE RIS:
≥ 1 • 1010 Ω
CATEGORY TEMPERATURE RANGE
ϑ
A:
(- 40 to + 85) °C
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 21
ORDERING INFORMATION
HAZ
101
M
BA
BJ0
K
R
MODEL
CAPACITANCE
VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
RoHS
COMPLIANT
RoHS
COMPLIANT


Similar Part No. - HCZ121BCKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCZ121 VISHAY-HCZ121 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results

Similar Description - HCZ121BCKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com