Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N7002KT3G
Description  Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N7002KT3G Datasheet(HTML) 1 Page - ON Semiconductor

  2N7002KT3G Datasheet HTML 1Page - ON Semiconductor 2N7002KT3G Datasheet HTML 2Page - ON Semiconductor 2N7002KT3G Datasheet HTML 3Page - ON Semiconductor 2N7002KT3G Datasheet HTML 4Page - ON Semiconductor 2N7002KT3G Datasheet HTML 5Page - ON Semiconductor 2N7002KT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 11
1
Publication Order Number:
2N7002K/D
2N7002K, 2V7002K
Small Signal MOSFET
60 V, 380 mA, Single, N−Channel, SOT−23
Features
ESD Protected
Low RDS(on)
Surface Mount Package
2V Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Low Side Load Switch
Level Shift Circuits
DC−DC Converter
Portable Applications i.e. DSC, PDA, Cell Phone, etc.
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Drain Current (Note 1)
Steady State 1 sq in Pad
TA = 25°C
TA = 85°C
ID
380
270
mA
Drain Current (Note 2)
Steady State Minimum Pad
TA = 25°C
TA = 85°C
ID
320
230
mA
Power Dissipation
Steady State 1 sq in Pad
Steady State Minimum Pad
PD
420
300
mW
Pulsed Drain Current (tp = 10 ms)
IDM
1.5
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
300
mA
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Gate−Source ESD Rating
(HBM, Method 3015)
ESD
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq in pad size with 1 oz Cu.
2. Surface−mounted on FR4 board using 0.08 sq in pad size with 1 oz Cu.
Device
Package
Shipping
ORDERING INFORMATION
2N7002KT1G
3000 / Tape & Reel
SIMPLIFIED SCHEMATIC
SOT−23
CASE 318
STYLE 21
704 MG
G
MARKING DIAGRAM
& PIN ASSIGNMENT
3
2
1
Drain
Gate
2
1
3
Source
http://onsemi.com
SOT−23
(Pb−Free)
60 V
1.6 W @ 10 V
RDS(on) MAX
380 mA
ID MAX
V(BR)DSS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
2.5 W @ 4.5 V
Gate
Source
Drain
3
2
1
(Top View)
704
= Specific Device Code*
M
= Date Code*
G
= Pb−Free Package
2V7002KT1G
3000 / Tape & Reel
SOT−23
(Pb−Free)
*Specific Device Code, Date Code or overbar
orientation and/or location may vary depend-
ing upon manufacturing location. This is a
representation only and actual devices may
not match this drawing exactly.
(Note: Microdot may be in either location)


Similar Part No. - 2N7002KT3G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N7002KT WEITRON-2N7002KT Datasheet
659Kb / 5P
   N-Channel ENHANCEMENT MODE POWER MOSFET
logo
SeCoS Halbleitertechnol...
2N7002KT SECOS-2N7002KT Datasheet
169Kb / 3P
   Channel Enhancement MOSFET
logo
SEC Electronics Inc.
2N7002KT SECELECTRONICS-2N7002KT Datasheet
169Kb / 3P
   N-Channel Enhancement MOSFET
logo
Shanghai Leiditech Elec...
2N7002KT LEIDITECH-2N7002KT Datasheet
1Mb / 3P
   SOT-523 Plastic-Encapsulate Mosfets
logo
ON Semiconductor
2N7002KT1G ONSEMI-2N7002KT1G Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
More results

Similar Description - 2N7002KT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002K ONSEMI-2N7002K_12 Datasheet
112Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N.Channel, SOT.23
May, 2012 ??Rev. 10
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
2N7002E ONSEMI-2N7002E_V01 Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
logo
Leshan Radio Company
L2N7002KLT1G LRC-L2N7002KLT1G Datasheet
302Kb / 5P
   Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel SOT??3
logo
ON Semiconductor
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
2N7002E ONSEMI-2N7002E_11 Datasheet
100Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23
February, 2011 ??Rev. 3
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com