Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3771G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3771G
Description  High Power NPN Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3771G Datasheet(HTML) 1 Page - ON Semiconductor

  2N3771G Datasheet HTML 1Page - ON Semiconductor 2N3771G Datasheet HTML 2Page - ON Semiconductor 2N3771G Datasheet HTML 3Page - ON Semiconductor 2N3771G Datasheet HTML 4Page - ON Semiconductor 2N3771G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 11
1
Publication Order Number:
2N3771/D
2N3771, 2N3772
2N3771 is a Preferred Device
High Power NPN Silicon
Power Transistors
These devices are designed for linear amplifiers, series pass
regulators, and inductive switching applications.
Features
Forward Biased Second Breakdown Current Capability
IS/b = 3.75 Adc @ VCE = 40 Vdc − 2N3771
= 2.5 Adc @ VCE = 60 Vdc − 2N3772
Pb−Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
2N3771
2N3772
Unit
Collector−Emitter Voltage
VCEO
40
60
Vdc
Collector−Emitter Voltage
VCEX
50
80
Vdc
Collector−Base Voltage
VCB
50
100
Vdc
Emitter−Base Voltage
VEB
5.0
7.0
Vdc
Collector Current − Continuous
Peak
IC
30
30
20
30
Adc
Base Current −
Continuous
Peak
IB
7.5
15
5.0
15
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
150
0.855
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
1.17
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC registered data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
20 and 30 AMPERE
POWER TRANSISTORS
NPN SILICON
40 and 60 VOLTS, 150 WATTS
MARKING
DIAGRAM
TO−204AA (TO−3)
CASE 1−07
STYLE 1
2N377x
= Device Code
x = 1 or 2
G
= Pb−Free Package
A
= Assembly Location
YY
= Year
WW
= Work Week
MEX
= Country of Origin
2N377xG
AYYWW
MEX
2N3772
TO−204
100 Units / Tray
2N3772G
TO−204
(Pb−Free)
100 Units / Tray
Device
Package
Shipping
2N3771
TO−204
100 Units / Tray
2N3771G
TO−204
(Pb−Free)
100 Units / Tray
ORDERING INFORMATION


Similar Part No. - 2N3771G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
New Jersey Semi-Conduct...
2N3771 NJSEMI-2N3771 Datasheet
140Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N3771 ONSEMI-2N3771 Datasheet
204Kb / 6P
   POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Savantic, Inc.
2N3771 SAVANTIC-2N3771 Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
More results

Similar Description - 2N3771G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3771 BOCA-2N3771 Datasheet
138Kb / 3P
   HIGH POWER NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N3771 ONSEMI-2N3771_06 Datasheet
86Kb / 5P
   High Power NPN Silicon Power Transistors
October, 2006 ??Rev. 11
logo
Mospec Semiconductor
2SD424 MOSPEC-2SD424 Datasheet
43Kb / 2P
   HIGH-POWER NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com