Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-41683 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AMIS-41683
Description  Fault Tolerant CAN Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-41683 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AMIS-41683 Datasheet HTML 4Page - ON Semiconductor AMIS-41683 Datasheet HTML 5Page - ON Semiconductor AMIS-41683 Datasheet HTML 6Page - ON Semiconductor AMIS-41683 Datasheet HTML 7Page - ON Semiconductor AMIS-41683 Datasheet HTML 8Page - ON Semiconductor AMIS-41683 Datasheet HTML 9Page - ON Semiconductor AMIS-41683 Datasheet HTML 10Page - ON Semiconductor AMIS-41683 Datasheet HTML 11Page - ON Semiconductor AMIS-41683 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
Definitions
All voltages are referenced to GND (Pin 13). Positive
currents flow into the IC. Sinking current means that the
current is flowing into the pin. Sourcing current means that
the current is flowing out of the pin.
Table 5. CHARACTERISTICS AMIS−4168x VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLIES VCC VBAT
ICC
Supply Current
Normal Operating Mode;
VTXD = VCC (Recessive)
1
3.7
6.3
mA
Normal Operating Mode;
VTXD = 0 V (Dominant); No Load
1
8
12
mA
FLAG_VCC
Forced Low Power Mode
VCC Rising
VCC Falling
2.45
4.5
V
IBAT
Battery Current on Pin BAT
In All Modes of Operation;
500 V between RTL − CANL
500 V between RTH − CANH
VBAT = WAKE = INH = 5 V to 36 V
10
110
230
mA
In Sleepmode
VCC = 0 V, VBAT = 12.5 V
TA = 70°C
35
42
mA
ICC+ IBAT
Supply Current Plus Battery Current
Low power modes; VCC = 5 V;
TA = −40°C to 100°C
VBAT = WAKE = INH = 5 to 36V
30
60
mA
ICC+ IBAT
Supply Current Plus Battery Current
Low power modes; VCC = 5 V;
TA = 100°C to 150°C
VBAT = WAKE = INH = 5 V to 36 V
80
mA
FLAG_VBAT
Power−on Flag−Level for Pin VBAT
For Setting Power−on Flag
For Not Setting Power−on Flag
3.5
2.1
2.4
1
V
PINS STB, EN AND TXD
RPD
Pulldown Resistor at Pin EN and STB
1 V
190
360
600
kW
TDisTxD
Dominant Time−out for TxD
Normal Mode; VtxD = 0 V
0.75
4
ms
TGoToSleep
Minimum Hold−Time for Go−To−Sleep
Mode
5
50
ms
PIN WAKE
IIL
Low−Level Input Current
VWAKE = 0 V; VBAT = 27V
−10
−1
mA
Vth(WAKE)
Wake−up Threshold Voltage
VSTB = 0 V
2.5
3.2
3.9
V
TWakeMin
Minimum Time on Pin Wake (De-
bounce Time)
VBAT = 12 V; Low Power Mode; for
Rising and Falling Edge
7
38
ms
PIN INH
DVH
High−Level Voltage Drop
IINH = $0.18 mA
0.8
V
Ileak
Leakage Current
Sleep mode; VINH = 0 V
1
mA


Similar Part No. - AMIS-41683

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-41683 ONSEMI-AMIS-41683 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41683 ONSEMI-AMIS-41683 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
AMIS-41683 ONSEMI-AMIS-41683_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results

Similar Description - AMIS-41683

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com