Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC6704 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RC6704
Description  Triple Fixed Gain Video Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC6704 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RC6704 Datasheet HTML 1Page - Fairchild Semiconductor RC6704 Datasheet HTML 2Page - Fairchild Semiconductor RC6704 Datasheet HTML 3Page - Fairchild Semiconductor RC6704 Datasheet HTML 4Page - Fairchild Semiconductor RC6704 Datasheet HTML 5Page - Fairchild Semiconductor RC6704 Datasheet HTML 6Page - Fairchild Semiconductor RC6704 Datasheet HTML 7Page - Fairchild Semiconductor RC6704 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RC6704
PRODUCT SPECIFICATION
2
Pin Assignments
16
15
14
13
12
11
10
9
65-3399-03
VCCO
OUT1
EN1
OUT2
EN2
OUT3
EN3
VEEO
1
2
3
4
5
6
7
8
IN1–
IN1+
VCC
IN2–
IN2+
VEE
IN3–
IN3+
Pin Definitions
Pin
Name
Pin
Number
Pin Function Description
EN1
14
Enables amplifier 1 when low
EN2
12
Enables amplifier 2 when low
EN3
10
Enables amplifier 3 when low
IN1–
1
Amplifier 1 inverting input
IN1+
2
Amplifier 1 non-inverting input
IN2–
4
Amplifier 2 inverting input
IN2+
5
Amplifier 2 non-inverting input
IN3–
7
Amplifier 3 inverting input
IN3+
8
Amplifier 3 non-inverting input
OUT1
15
Amplifier 1 output
OUT2
13
Amplifier 2 output
OUT3
11
Amplifier 3 output
VCC
3
Analog positive supply
VCCO
16
Positive supply for output
stages
VEE
6
Analog negative supply
VEEO
9
Negative supply for output
stages
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Note:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min.
Max.
Units
Positive power supply, VCC
7
V
Negative power supply, VEE
-7
V
Differential input voltage
VEE + 2.0
VCC – 2.0
V
Operating Temperature
0
+70
°C
Storage Temperature
-40
+125
°C
Junction Temperature
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Operating Temperature
0
+70
°C
Short circuit tolerance: No more than one output can be shorted to ground.
Parameter
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage
4.75
5.0
5.25
V
VEE
Negative Supply Voltage
-4.75
-5.0
-5.25
V
θJA
SO16 thermal resistance
105
°C/W


Similar Part No. - RC6704

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
RC6-12W CREE-RC6-12W Datasheet
409Kb / 2P
   LED Downlight
RC6-12W-GU24 CREE-RC6-12W-GU24 Datasheet
409Kb / 2P
   LED Downlight
logo
List of Unclassifed Man...
RC6-2.5 ETC2-RC6-2.5 Datasheet
157Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
RC6-2.5 VIMARLOW-RC6-2.5 Datasheet
263Kb / 3P
   Single-Stage Thermoelectric Module
RC6-2.5 VIMARLOW-RC6-2.5 Datasheet
440Kb / 3P
   Single?륲tage Thermoelectric Module
More results

Similar Description - RC6704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com