Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4067A Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74HC4067A
Description  Quad Analog Switch Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4067A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74HC4067A Datasheet HTML 4Page - ON Semiconductor MC74HC4067A Datasheet HTML 5Page - ON Semiconductor MC74HC4067A Datasheet HTML 6Page - ON Semiconductor MC74HC4067A Datasheet HTML 7Page - ON Semiconductor MC74HC4067A Datasheet HTML 8Page - ON Semiconductor MC74HC4067A Datasheet HTML 9Page - ON Semiconductor MC74HC4067A Datasheet HTML 10Page - ON Semiconductor MC74HC4067A Datasheet HTML 11Page - ON Semiconductor MC74HC4067A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74HC4067A
http://onsemi.com
9
POSITIONWHEN TESTING tPLZ AND tPZL
tr
tf
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
CONTROL
ANALOG
OUT
90%
50%
10%
50%
50%
10%
90%
tPZH
tPHZ
tPZL
tPLZ
Figure 12. Turn−ON / Turn−OFF Times
ON/OFF
VCC
TEST
POINT
14
VCC
1 k
W
POSITIONWHEN TESTING tPHZ AND tPZH
CL*
1
2
1
2
Figure 13. Turn−ON / Turn−OFF Time Test Setup
1
2
7
SELECTED
CONTROL
INPUT
Figure 14. Power Dissipation Capacitance
Test Setup
14
VCC
N/C
OFF/ON
A
N/C
7
SELECTED
CONTROL
INPUT
ON/OFF CONTROL
*Includes all probe and jig capacitance.
Figure 15. ON Channel Bandwidth Test Setup
ON
14
VCC
0.1
mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
7
SELECTED
CONTROL
INPUT
VCC
Figure 16. OFF Channel Feedthrough Isolation
Test Setup
OFF
7
14
VCC
0.1
mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
RL
VIS
SELECTED
CONTROL
INPUT
Figure 17. Feedthrough Noise Test Setup
14
VCC
CL*
*Includes all probe and jig capacitance.
OFF/ON
Vin ≤ 1 MHz
tr = tf = 6 ns
CONTROL
VCC/2
RL
IS
RL
VOS
7
SELECTED
CONTROL
INPUT
VCC/2
VCC
GND


Similar Part No. - MC74HC4067A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4067A ONSEMI-MC74HC4067A Datasheet
131Kb / 12P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2015 ??Rev. 2
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
131Kb / 12P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2015 ??Rev. 2
MC74HC4067ADTR2G ONSEMI-MC74HC4067ADTR2G Datasheet
131Kb / 12P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2015 ??Rev. 2
MC74HC4067ADWG ONSEMI-MC74HC4067ADWG Datasheet
131Kb / 12P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2015 ??Rev. 2
MC74HC4067ADWR2G ONSEMI-MC74HC4067ADWR2G Datasheet
131Kb / 12P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2015 ??Rev. 2
More results

Similar Description - MC74HC4067A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com