Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1162WI28GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT1162WI28GT3
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1162WI28GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT1162WI28GT3 Datasheet HTML 1Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 2Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 3Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 4Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 5Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 6Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 7Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 8Page - ON Semiconductor CAT1162WI28GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT1161, CAT1162
http://onsemi.com
3
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−2.0 to VCC + 2.0
V
VCC with Respect to Ground
−2.0 to 7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 sec)
300
°C
Output Short Circuit Current (Note 2)
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum
DC voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 3. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND (Note 3)
Endurance
MIL−STD−883, Test Method 1033
1,000,000
Cycles/Byte
TDR (Note 3)
Data Retention
MIL−STD−883, Test Method 1008
100
Years
VZAP (Note 3)
ESD Susceptibility
MIL−STD−883, Test Method 3015
2000
Volts
ILTH (Notes 3 & 4) Latch−Up
JEDEC Standard 17
100
mA
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from –1 V to VCC +1 V.
Table 4. D.C. OPERATING CHARACTERISTICS
VCC = 2.7 V to 6 V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
fSCL = 100 kHz
3
mA
ISB
Standby Current
VCC = 3.3 V
40
mA
VCC = 5 V
50
mA
ILI
Input Leakage Current
VIN = GND or VCC
2
mA
ILO
Output Leakage Current
VIN = GND or VCC
10
mA
VIL
Input Low Voltage
−1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (SDA)
IOL = 3 mA, VCC = 3.0 V
0.4
V
Table 5. CAPACITANCE
TA = 25°C, f = 1.0 MHz, VCC = 5 V
Symbol
Test
Test Conditions
Max
Units
CI/O (Note 3)
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN (Note 3)
Input Capacitance (SCL)
VIN = 0 V
6
pF


Similar Part No. - CAT1162WI28GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1162WI28GT3 ONSEMI-CAT1162WI28GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results

Similar Description - CAT1162WI28GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com