Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX245 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74LCX245
Description  Low-Voltage CMOS Octal Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX245 Datasheet(HTML) 8 Page - ON Semiconductor

  MC74LCX245 Datasheet HTML 1Page - ON Semiconductor MC74LCX245 Datasheet HTML 2Page - ON Semiconductor MC74LCX245 Datasheet HTML 3Page - ON Semiconductor MC74LCX245 Datasheet HTML 4Page - ON Semiconductor MC74LCX245 Datasheet HTML 5Page - ON Semiconductor MC74LCX245 Datasheet HTML 6Page - ON Semiconductor MC74LCX245 Datasheet HTML 7Page - ON Semiconductor MC74LCX245 Datasheet HTML 8Page - ON Semiconductor MC74LCX245 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74LCX245
http://onsemi.com
8
PACKAGE DIMENSIONS
TSSOP−20
CASE 948E−02
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
_
___
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
---
---
S
U
0.15 (0.006) T
7.06
16X
0.36
16X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT


Similar Part No. - MC74LCX245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245 ONSEMI-MC74LCX245 Datasheet
85Kb / 8P
   Low-Voltage CMOS Octal Transistor
December, 2000 ??Rev. 4
MC74LCX245 ONSEMI-MC74LCX245 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
MC74LCX245DR2G ONSEMI-MC74LCX245DR2G Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
logo
Motorola, Inc
MC74LCX245DT MOTOROLA-MC74LCX245DT Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results

Similar Description - MC74LCX245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LVQ245 MOTOROLA-MC74LVQ245 Datasheet
210Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com